データシートサーチシステム |
|
UZ8815 データシート(PDF) 2 Page - Digitron Semiconductors |
|
UZ8815 データシート(HTML) 2 Page - Digitron Semiconductors |
2 / 2 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 UZ8706, UZ8806 SERIES POWER ZENERS 1 WATT ELECTRICAL CHARACTERISTICS Electrical Specifications at 25°C Maximum Ratings Maximum Reverse Leakage Current Type Nominal Zener Voltage † VZ @ IZT Test Current IZT Max. Zener Impedance § ZZ @ IZT IR @ VR +5% VR +10% VR Typ. Temp. Coeff. T.C. @ IZT Maximum Continuous Current IZM Maximum Surge Current ‡ IS +5% Tolerance +10% Tolerance Volts mA Ohms μA Volts Volts %/°C mA Amps UZ8115 UZ8215 150 1.7 1000 0.5 114 108 .10 6.3 0.112 UZ8116 UZ8216 160 1.6 1100 0.5 121 115 .10 5.9 0.082 UZ8117 UZ8217 170 1.5 1200 0.5 129 122 .10 5.6 0.082 UZ8118 UZ8218 180 1.4 1300 0.5 137 129 .10 5.2 0.056 UZ8119 UZ8219 190 1.3 1400 0.5 144 137 .10 5.0 0.056 UZ8120 UZ8220 200 1.2 1500 0.5 152 144 .10 4.7 0.056 † All zener voltages are measured with an automated test set using a 35 millisecond test time. Longer or shorter test times will have a corresponding effect on the measured value due to heating effects. § Zener impedance is derived from the 60 cycle AC voltage created when AC current with RMS value of 10% of DC zener test current is superimposed on the test current. Ratings are based on free air. TA = 25°C. For use at 1.5 watts, see derating curve. ‡ Figures shown are for a peak sinusoidal surge current of 8.3ms duration using 60 cycle AC. The 8.3 ms square pulse rating is 71% of the value shown. MECHANICAL CHARACTERISTICS Case: Glass Marking: Body Painted, Alpha-Numeric Polarity: Cathode Band Dimensions Inches Millimeters Min Max Min Max BD - .095 - 2.413 BL - 0.185 - 4.699 LD .027 .033 0.686 0.838 LL .700 - 17.78 - sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20120730 |
同様の部品番号 - UZ8815 |
|
同様の説明 - UZ8815 |