データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT4053-Q100 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74HCT4053-Q100
部品情報  Triple 2-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4053-Q100 データシート(HTML) 1 Page - NXP Semiconductors

  74HCT4053-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HCT4053-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1.
General description
The 74HC4053-Q100; 74HCT4053-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with
JEDEC standard no. 7A.
The 74HC4053-Q100; 74HCT4053-Q100 is triple 2-channel analog
multiplexer/demultiplexer with a common enable input (E). Each multiplexer/demultiplexer
has two independent inputs/outputs (nY0 and nY1), a common input/output (nZ) and three
digital select inputs (Sn). With E LOW, one of the two switches is selected
(low-impedance ON-state) by S1 to S3. With E HIGH, all switches are in the
high-impedance OFF-state, independent of S1 to S3.
VCC and GND are the supply voltage pins for the digital control inputs (S0 to S2, and E).
The VCC to GND ranges are 2.0 V to 10.0 V for 74HC4053-Q100, and 4.5 V to 5.5 V for
74HCT4053-Q100. The analog inputs/outputs (nY0 to nY1, and nZ) can swing between
VCC as a positive limit and VEE as a negative limit. VCC  VEE may not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is connected to GND (typically
ground).
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Wide analog input voltage range from
5 V to +5 V
Low ON resistance:
80
 (typical) at V
CC  VEE =4.5 V
70
 (typical) at V
CC  VEE =6.0 V
60
 (typical) at V
CC  VEE =9.0 V
Logic level translation: to enable 5 V logic to communicate with
5 V analog signals
Typical ‘break before make’ built-in
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
CDM AEC-Q100-011 revision B exceeds 1000 V
Multiple package options
74HC4053-Q100; 74HCT4053-Q100
Triple 2-channel analog multiplexer/demultiplexer
Rev. 2 — 22 November 2012
Product data sheet


同様の部品番号 - 74HCT4053-Q100

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74HCT4053-Q100 NEXPERIA-74HCT4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results

同様の説明 - 74HCT4053-Q100

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com