データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-747579-7 データシート(PDF) 3 Page - Tyco Electronics

部品番号 7-747579-7
部品情報  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

7-747579-7 データシート(HTML) 3 Page - Tyco Electronics

  7-747579-7 Datasheet HTML 1Page - Tyco Electronics 7-747579-7 Datasheet HTML 2Page - Tyco Electronics 7-747579-7 Datasheet HTML 3Page - Tyco Electronics 7-747579-7 Datasheet HTML 4Page - Tyco Electronics 7-747579-7 Datasheet HTML 5Page - Tyco Electronics 7-747579-7 Datasheet HTML 6Page - Tyco Electronics 7-747579-7 Datasheet HTML 7Page - Tyco Electronics 7-747579-7 Datasheet HTML 8Page - Tyco Electronics 7-747579-7 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
92
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HDP-20 Crimp Snap-In Contact Connectors (Continued)
Material and Finish:
Shell—Steel, zinc or tin plated
Insert—94V-0 rated thermoplastic, black
Mounting Holes:
Standard—.120 [3.05] Dia.
Clinch Nut—4-40 threads with
self-locking feature
Related Product Data:
Contact Arrangements—page 40
Performance Characteristics—
page 41
Contacts—pages 100, 101
Application Tooling—page 102
Mateable Connectors:
HDE—pages 110-123
HDP—pages 90-102
HD-20 Board Mount—
pages 54-71, 78-85, 87-89
Mating/Panel Mounting—page 42
Cable Clamps—pages 132, 133,
135-137, 140, 141, 144, 145
Mating Hardware—pages 146-150,
153, 155
Technical Documents:
Product Specification—108-40005
Application Specifications—
114-10000, 114-40030
Plug
Clinch Nut
(Plug and Receptacle)
.100
[2.54]
Max.
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
.230
[5.84]
.420
[10.67]
.432
[10.97]
.120
[3.05]
Typ.
2 Holes
A
B
C
Dia.
Max.
Ref.
Grounding Indents
(See Table)
Mating Face


同様の部品番号 - 7-747579-7

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
7-794620-2 TEC-7-794620-2 Datasheet
215Kb / 1P
   THRU-HOLE, R/A, 30 GOLD HEADER, PLASTIC BOARDLOCK, DUAL ROW, MICRO MATE-N-LOK
7-794635-4 TEC-7-794635-4 Datasheet
233Kb / 1P
   SURFACE MOUNT, VERTICAL, MECHANICAL HOLDDOWN, ASSEMBLY, 30 GOLD HEADER, DUAL ROW, MICRO MATE-N-LOK(TM)
logo
Tyco Electronics
7-796634-0 MACOM-7-796634-0 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
logo
TE Connectivity Ltd
7-796634-0 TEC-7-796634-0 Datasheet
911Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
7-796634-1 MACOM-7-796634-1 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
More results

同様の説明 - 7-747579-7

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com