データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZS5064 データシート(PDF) 1 Page - Central Semiconductor Corp

部品番号 CZS5064
部品情報  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CENTRAL [Central Semiconductor Corp]
ホームページ  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZS5064 データシート(HTML) 1 Page - Central Semiconductor Corp

  CZS5064 Datasheet HTML 1Page - Central Semiconductor Corp CZS5064 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZS5064
SURFACE MOUNT
SILICON CONTROLLED RECTIFIER
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZS5064 type is
an epoxy molded PNPN Silicon Controlled Rectifier
manufactured in an epoxy molded surface mount
package, designed for control systems and sensing
circuit applications.
MARKING: FULL PART NUMBER
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Off-State Voltage
VDRM
400
V
Peak Repetitive Reverse Voltage
VRRM
400
V
RMS On-State Current
IT(RMS)
0.8
A
Average On-State Current (TC=67°C)
IT(AV)
0.51
A
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Thermal Resistance
ΘJA
150
°C/W
Thermal Resistance
ΘJC
25
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM
VD=400V, RGK=1.0KΩ, TC=125°C
50
μA
IRRM
VD=400V, RGK=1.0KΩ, TC=125°C
50
μA
VT
IT=1.2A
1.7
V
IGT
VD=7.0V, RL=100Ω, RGK=1.0KΩ
200
μA
VGT
VD=7.0V, RL=100Ω, RGK=1.0KΩ
0.8
V
VGD
VD=400V, RL=100Ω, TC=125°C
0.1
V
IH
VD=7.0, RGK=1.0KΩ
5.0
mA
tON
VD=400V, IGT=1.0mA, IF=1.0A,
RGK=1KΩ, di/dt=6.0A/μs
2.8
μs
R4 (23-February 2010)
www.centra lsemi.com


同様の部品番号 - CZS5064

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
370Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER
CZS5064 CENTRAL-CZS5064_10 Datasheet
370Kb / 2P
   SURFACE MOUNT SILICON CONTROLLED RECTIFIER
More results

同様の説明 - CZS5064

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com