データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM2-2202 データシート(PDF) 1 Page - Sanken electric

部品番号 FM2-2202
部品情報  Silicon Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FM2-2202 データシート(HTML) 1 Page - Sanken electric

  FM2-2202 Datasheet HTML 1Page - Sanken electric FM2-2202 Datasheet HTML 2Page - Sanken electric FM2-2202 Datasheet HTML 3Page - Sanken electric FM2-2202 Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
FM2-2202
030212
1/4
61426-01
1 Scope
The present specifications shall apply to FM2-2202.
2 Outline
High Frequency Rectification
Type
Silicon Diode
Structure
Resin Molded
Applications
High Frequency Rectification
3 Flammability
UL94V-0(Equivalent)
4 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
20
Refer to derating curve
in Section 7
4
Peak Surge Forward Current
IFSM
A
110
10ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
60.5
1ms≦t≦10ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
No.1,2,4 and 5 show ratings per one chip.
5 Electrical characteristics
No
.
Item
Symbo
l
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
0.98 max.
IF=10A
2
Reverse Leakage Current
IR
µA
200 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
µA
400 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr1
ns
50 max.
IF=IRP=100mA
90% Recovery point, Tj=25°C
trr2
ns
35 max.
IF=100mA, IRP=200mA
75% Recovery point ,Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between Junction and case
No.1,2,3 and 4 show characteristics per one chip.


同様の部品番号 - FM2-2202

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
   Ultra-Low-Power Analog Temperature Sensor
logo
List of Unclassifed Man...
FM20 ETC2-FM20 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
More results

同様の説明 - FM2-2202

メーカー部品番号データシート部品情報
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com