データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R01US0068EJ0100 データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 R01US0068EJ0100
部品情報  EEPROM Emulation Library
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R01US0068EJ0100 データシート(HTML) 3 Page - Renesas Technology Corp

  R01US0068EJ0100 Datasheet HTML 1Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 2Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 3Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 4Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 5Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 6Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 7Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 8Page - Renesas Technology Corp R01US0068EJ0100 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
NOTES FOR CMOS DEVICES
(1) VOLTAGE APPLICATION WAVEFORM AT INPUT PIN:
Waveform distortion due to input noise or a
reflected wave may cause malfunction.
If the input of the CMOS device stays in the area between VIL
(MAX) and VIH (MIN) due to noise, etc., the device may malfunction.
Take care to prevent chattering noise
from entering the device when the input level is fixed, and also in the transition period when the input level
passes through the area between VIL (MAX) and VIH (MIN).
(2) HANDLING OF UNUSED INPUT PINS:
Unconnected CMOS device inputs can be cause of malfunction.
If
an input pin is unconnected, it is possible that an internal input level may be generated due to noise, etc.,
causing malfunction.
CMOS devices behave differently than Bipolar or NMOS devices.
Input levels of
CMOS devices must be fixed high or low by using pull-up or pull-down circuitry.
Each unused pin should be
connected to VDD or GND via a resistor if there is a possibility that it will be an output pin.
All handling
related to unused pins must be judged separately for each device and according to related specifications
governing the device.
(3) PRECAUTION AGAINST ESD:
A strong electric field, when exposed to a MOS device, can cause
destruction of the gate oxide and ultimately degrade the device operation.
Steps must be taken to stop
generation of static electricity as much as possible, and quickly dissipate it when it has occurred.
Environmental control must be adequate.
When it is dry, a humidifier should be used.
It is recommended
to avoid using insulators that easily build up static electricity.
Semiconductor devices must be stored and
transported in an anti-static container, static shielding bag or conductive material.
All test and measurement
tools including work benches and floors should be grounded.
The operator should be grounded using a wrist
strap.
Semiconductor devices must not be touched with bare hands.
Similar precautions need to be taken
for PW boards with mounted semiconductor devices.
(4) STATUS BEFORE INITIALIZATION:
Power-on does not necessarily define the initial status of a MOS
device.
Immediately after the power source is turned ON, devices with reset functions have not yet been
initialized.
Hence, power-on does not guarantee output pin levels, I/O settings or contents of registers.
A
device is not initialized until the reset signal is received.
A reset operation must be executed immediately
after power-on for devices with reset functions.
(5) POWER ON/OFF SEQUENCE:
In the case of a device that uses different power supplies for the internal
operation and external interface, as a rule, switch on the external power supply after switching on the internal
power supply.
When switching the power supply off, as a rule, switch off the external power supply and then
the internal power supply.
Use of the reverse power on/off sequences may result in the application of an
overvoltage to the internal elements of the device, causing malfunction and degradation of internal elements
due to the passage of an abnormal current.
The correct power on/off sequence must be judged separately
for each device and according to related specifications governing the device.
(6) INPUT OF SIGNAL DURING POWER OFF STATE :
Do not input signals or an I/O pull-up power supply
while the device is not powered.
The current injection that results from input of such a signal or I/O pull-up
power supply may cause malfunction and the abnormal current that passes in the device at this time may
cause degradation of internal elements.
Input of signals during the power off state must be judged
separately for each device and according to related specifications governing the device.


同様の部品番号 - R01US0068EJ0100

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
R01US0079ED0103 RENESAS-R01US0079ED0103 Datasheet
925Kb / 66P
   RENESAS 32-Bit MCU
More results

同様の説明 - R01US0068EJ0100

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
R20UT2645EJ0100 RENESAS-R20UT2645EJ0100 Datasheet
382Kb / 18P
   EEPROM Emulation Library Pack
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
AN2540 STMICROELECTRONICS-AN2540 Datasheet
238Kb / 25P
   EEPROM emulation in STR91xFxx devices
X-CUBE-EEPROM STMICROELECTRONICS-X-CUBE-EEPROM Datasheet
132Kb / 5P
   EEPROM emulation software expansion for STM32Cube
December 2021
logo
NEC
T40A2 NEC-T40A2 Datasheet
91Kb / 2P
   Tape Library
logo
STMicroelectronics
AN3375 STMICROELECTRONICS-AN3375 Datasheet
695Kb / 73P
   CR95HF library for ISO15693 and Dual Interface EEPROM products
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
6Kb / 1P
   80" Emulation board
logo
STMicroelectronics
ST16ST2G STMICROELECTRONICS-ST16ST2G Datasheet
29Kb / 2P
   Smartcard MCU With up to 16352 Bytes EEPROM & T2G Authentication Library
logo
Mosel Vitelic, Corp
MSM9018 MOSEL-MSM9018 Datasheet
17Kb / 1P
   180 Emulation board
logo
STMicroelectronics
AN3298 STMICROELECTRONICS-AN3298 Datasheet
397Kb / 27P
   STM8S DALI slave library
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com