データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCV676 データシート(PDF) 9 Page - Unisonic Technologies

部品番号 UCV676
部品情報  400mA LOW-DROP VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCV676 データシート(HTML) 9 Page - Unisonic Technologies

  UCV676 Datasheet HTML 1Page - Unisonic Technologies UCV676 Datasheet HTML 2Page - Unisonic Technologies UCV676 Datasheet HTML 3Page - Unisonic Technologies UCV676 Datasheet HTML 4Page - Unisonic Technologies UCV676 Datasheet HTML 5Page - Unisonic Technologies UCV676 Datasheet HTML 6Page - Unisonic Technologies UCV676 Datasheet HTML 7Page - Unisonic Technologies UCV676 Datasheet HTML 8Page - Unisonic Technologies UCV676 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UCV676/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R102-051. B
TYPICAL CHARACTERISTICS
10
0
Input High Voltage Holding Test
Input Voltage, VIN (V)
40
50
70
20
60
0
5
10
15
20
25
Time (10ms/div)
0
50
100
0
PSRR Test Curve
CH1: VIN
CH2: VOUT
VIN=13.5V, IOUT= 5mA,
△ Vrip=0.5Vrms, f=100Hz
0
30
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - UCV676

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UCV676 UTC-UCV676 Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676AG-18-TQ5-R UTC-UCV676AG-18-TQ5-R Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676AG-18-TQ5-T UTC-UCV676AG-18-TQ5-T Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676AG-25-TQ5-R UTC-UCV676AG-25-TQ5-R Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
UCV676AG-25-TQ5-T UTC-UCV676AG-25-TQ5-T Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
More results

同様の説明 - UCV676

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
   400mA LOW-DROP VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
IK Semicon Co., Ltd
ILE4275 IKSEMICON-ILE4275 Datasheet
467Kb / 8P
   5V/400mA Low Drop Voltage
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com