データシートサーチシステム |
|
4-5179230-8 データシート(PDF) 2 Page - Tyco Electronics |
|
4-5179230-8 データシート(HTML) 2 Page - Tyco Electronics |
2 / 13 page 71 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 0.8mm Free Height (FH) Connectors Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) Product Facts ■ For parallel board stacking applications ■ High density packaging on 0.8 [.031] centerline spacing ■ Available sizes from 40 to 200 positions (in 20 position increments) ■ Board stacking heights available from 5 [.197] to 16 [.630] (in 1 [.039] increments) ■ Bellows type spring contacts are resistant to scooping and stubbing during mating and unmating ■ Positioning bosses for proper on-board orientation ■ Available packaged on“tape-and-reel” for automatic placement per EIA standards ■ Recognized under the Component Program of Underwriter Laboratories Inc., File No. E28476 R Tyco Electronics 0.8mm FH surface-mount connectors are designed for parallel board stacking applications using subminiature connec- tors to meet today’s elec- tronic industry requirements for high density packaging. It is possible to save more than 50% of the required board space when com- pared to conventional 1.27 [.050] centerline connectors. 0.8mm FH connectors are ideally suited for application downsizing, such as note- book PCs, pen pads, cellu- lar telephones and other electronic equipment requiring miniature connec- tor packaging. Vertical board-mount plugs and receptacles are avail- able. By mating combina- tions of plug and receptacle housing heights, board-to- board stacking heights from 5 [.197] to 16 [.630] (in 1 [.039] increments) can be achieved. The receptacles are preloaded with the Tyco Electronics unique bellows-type spring con- tacts for reliable electrical connection with the plugs. In addition, right angle plugs are available which mate to standard receptacles. Performance Characteristics Voltage Rating — 100 VAC Current Rating — 0.5 ampere Contact Resistance — 30 milliohms max. (initial) Dielectric Withstanding Voltage — 500 VAC (1 minute) Operating Temperature — -40°C to +85°C (Including terminal temperature rise) |
同様の部品番号 - 4-5179230-8 |
|
同様の説明 - 4-5179230-8 |