データシートサーチシステム |
|
93026-52(1)(2) データシート(PDF) 1 Page - Vishay Siliconix |
|
93026-52(1)(2) データシート(HTML) 1 Page - Vishay Siliconix |
1 / 4 page DSCC 93026 www.vishay.com Vishay Revision: 01-Feb-12 1 Document Number: 40136 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DSCC 93026 SuperTan® Wet Tantalum Capacitors Vishay’s DSCC 93026 capacitor represents a major breakthrough in wet tantalum technology. Its unique cathode system provides the highest capacitance per unit volume. The design facilitates a doubling of capacitance, lower ESR and higher ripple current rating compared with conventional wet tantalum products. Moreover, the DSCC 93026 has the capacitance stability of a solid tantalum capacitor and there are no circuit impedance restrictions. The DSCC 93026 is housed in an all tantalum, hermetically sealed case and is manufactured to withstand hazardous environments. The DSCC 93026 is used widely in the defense and aerospace industries and whenever there is a space problem. FEATURES • Terminations: Standard tin/lead (Sn/Pb) • Very high capacitance • 10 μF to 1800 μF •25 VDC to 125 VDC • - 55 °C to + 125 °C • Very low ESR • High ripple current • All tantalum case • Hermetically sealed •Low DCL • Mounting: Axial APPLICATION NOTES a) No continuous reverse voltage permissible. b) The peak of the applied AC ripple and the applied DC voltage must not exceed the DC voltage rating of the capacitor. c) Ripple current ratings by part number at 85 °C and 40 kHz are included in the table. Ripple current correction factors for other temperatures and frequencies are given on the next page. d) Transient reverse voltage surges are acceptable under the following conditions: The peak reverse voltage does not exceed 1.5 V and the peak current times the duration of the reverse transient does not exceed 0.05 As. In addition, the repetition frequency of the reverse voltage surge is less than 10 Hz. Notes • Material at egress is tantalum • Insulation sleeving will lap over the ends of the capacitor case • Tinned nickel leads, solderable and weldable • Approx. weight T1: 2.3 g, T2: 5.7 g T3: 9.4 g, T4: 14.8 g DIMENSIONS in inches [millimeters] CASE CODE D ± 0.016 [0.41] MAX. INSULATED (DIA.) L1 + 0.031 [0.79] UNINSULATED E ± 0.250 [6.35] MAX. T1 0.188 [4.78] 0.219 [5.56] 0.453 [11.51] 1.500 [38.10] T2 0.281 [7.14] 0.312 [7.92] 0.641 [16.28] 2.250 [57.15] L2 0.281 [7.14] 0.312 [7.92] 1.008 [25.60] 2.250 [57.15] T3 0.375 [9.52] 0.406 [10.31] 0.766 [19.46] 2.250 [57.15] T4 0.375 [9.52] 0.406 [10.31] 1.062 [26.97] 2.250 [57.15] “D” dia. Terminal location within 0.031 of center 0.025 + 0.002 (0.64 + 0.05) 0.250 (6.35) MAX. 0.094 (2.38) MAX. EL 1 E Terminal welded to case |
同様の部品番号 - 93026-52(1)(2) |
|
同様の説明 - 93026-52(1)(2) |