データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1341 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 U1341
部品情報  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

U1341 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  U1341 Datasheet HTML 1Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 2Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 3Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 4Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 5Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 6Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 7Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 8Page - List of Unclassifed Manufacturers U1341 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
D
D4
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
MISCELLANEOUS HARDWARE (CONT'D.)
LOCKWASHER U14 .122 I.D.
(.122 DIA)
(.228 DIA)
5.80 DIA
3.10 DIA
LOCKWASHER 1/4
Stainless steel U215
(.374 DIA)
(.374 DIA)
(.255 DIA)
(.255 DIA)
(.015)
(.015)
(.031)
(.031)
9.50 DIA
9.50 DIA
6.50 DIA
6.50 DIA
0.80
0.80
0.40
0.40
LOCKWASHER A115
Nickel plated steel 1/4
LOCKWASHER U843 10mm (.393")
Stainless steel
(.566 DIA)
(.405 DIA)
(.019)
(.055)
1.40
0.50
14.40 DIA
10.30 DIA
LOCKWASHER A466
Nickel plated steel 15/32
LOCKWASHER U13 15/32
Zinc plated
(.669 DIA)
(.669 DIA)
(.019)
(.019)
(.055)
(.055)
(.476 DIA)
(.476 DIA)
17.00 DIA
17.00 DIA
0.50
0.50
12.10 DIA
12.10 DIA
1.40
1.40
ANTI-ROTATE RING A107
Nickel plated brass 1/4
LOCKING RING 1/4
Nickel plated U78 Matte black U93
0.80
6.50 DIA
9.60 DIA
2.00
(.031)
(.078)
(.255 DIA)
(.377 DIA)
ANTI-ROTATE RING (LARGE) A158
Nickel plated brass 1/4
LOCKING RING U844 10mm (.393")
Nickel plated
(.551 DIA)
(.551 DIA)
(.401 DIA)
(.401 DIA)
(.043)
(.043)
(.098)
(.098)
14.00 DIA
14.00 DIA
2.50
2.50
1.10
1.10
10.20 DIA
10.20 DIA
ANTI-ROTATE RING A482
Nickel plated brass 15/32
LOCKING RING 12mm (.472")
Nickel plated U121 Matte black U12
(.716 DIA)
(.716 DIA)
(.480 DIA)
(.480 DIA)
(.031)
(.031)
(.090)
(.090)
18.20 DIA
18.20 DIA
0.80
0.80
2.30
2.30
12.20 DIA
12.20 DIA
SEALING WASHER U360 1/4-40
For keyway bushing
(.090)
(.090)
(.251 DIA)
(.251 DIA)
2.30
2.30
6.40 DIA
6.40 DIA
SEALING WASHER U60 15/32
(.472 DIA)
(.472 DIA)
(.110)
(.110)
12.00 DIA
12.00 DIA
2.80
2.80
SEALING WASHER Nylon
12mm (.472") U21
(.48 DIA)
(.48 DIA)
(.716 DIA)
(.716 DIA)
18.20 DIA
18.20 DIA
12.20 DIA
12.20 DIA
GROUND CONNECTOR
12mm (.472") Nickel plated U187
(.826 DIA)
(.826 DIA)
21.00 DIA
21.00 DIA
SWITCH PLATE I-O U1050
.480 I.D.
I
(.48 DIA)
(.48 DIA)
12.20 DIA
12.20 DIA
(.708 DIA)
(.708 DIA)
18.00 DIA
18.00 DIA
SWITCH PLATE ON-OFF U19
.480 I.D.
ON
ON
OFF
OFF
(.48 DIA)
(.48 DIA)
12.20 DIA
12.20 DIA
18.00 DIA
18.00 DIA
(.708 DIA)
(.708 DIA)
CONNECTING SCREW U03
(.236 DIA)
(.236 DIA)
3.00 DIAx0.5
3.00 DIAx0.5
(.118 DIAx0.5)
(.118 DIAx0.5)
6.00 DIA
6.00 DIA
LOCKING RING Brass
Nickel plated U198 Matte black U728
(.240 DIA)
(.240 DIA)
(.464 DIA)
(.464 DIA)
(.031)
(.031)
(.078)
(.078)
11.80 DIA
11.80 DIA
2.00
2.00
6.10 DIA
6.10 DIA
0.80
0.80


同様の部品番号 - U1341

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U13 ETC2-U13 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U13 CK-COMPONENTS-U13 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
List of Unclassifed Man...
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
Intel Corporation
U1300 INTEL-U1300 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Eaton All Rights Reserv...
U1302 EATON-U1302 Datasheet
1Mb / 36P
   Surge Protection
More results

同様の説明 - U1341

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com