データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ7-SW50 データシート(PDF) 9 Page - Lumileds Lighting Company

部品番号 LMZ7-SW50
部品情報  Best combination of brightness, uniformity and luminance enabling precision light control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMILEDS [Lumileds Lighting Company]
ホームページ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW50 データシート(HTML) 9 Page - Lumileds Lighting Company

Back Button LMZ7-SW50 Datasheet HTML 5Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 6Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 7Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 8Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 9Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 10Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 11Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 12Page - Lumileds Lighting Company LMZ7-SW50 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
8
Typical Relative Light Output
Typical Relative Light Output vs. Junction Temperature
Test Current at 700 mA
Typical Relative Light Output vs. Forward Current
Junction Temperature = 85°C
Figure 5. Typical relative light output vs. junction temperature, LMZx-SWxx.
Figure 6. Typical relative light output vs. forward current, LMZx-SWxx.


同様の部品番号 - LMZ7-SW50

メーカー部品番号データシート部品情報
logo
Lumileds Lighting Compa...
LMZ7-SW50 LUMILEDS-LMZ7-SW50 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW50 LUMILEDS-LMZ7-SW50 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

同様の説明 - LMZ7-SW50

メーカー部品番号データシート部品情報
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
DS136 LUMILEDS-DS136 Datasheet
2Mb / 21P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com