データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P0080EBL データシート(PDF) 5 Page - Littelfuse

部品番号 P0080EBL
部品情報  SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0080EBL データシート(HTML) 5 Page - Littelfuse

  P0080EBL Datasheet HTML 1Page - Littelfuse P0080EBL Datasheet HTML 2Page - Littelfuse P0080EBL Datasheet HTML 3Page - Littelfuse P0080EBL Datasheet HTML 4Page - Littelfuse P0080EBL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
162
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
All leads are insulated from case. Case is electri-
cally non-conductive. (Rated at 1600 V
(AC) RMS for
one minute from leads to case over the operating
temperature range.)
Mold flash shall not exceed 0.13 mm per side.
A
B
Temperature
Measurement Point
MT2/PIN 3
MT1/PIN 1
E
H
G
D
K
J
L
M
N
The TO-92 is designed to meet
mechanical standards as set forth
in JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.60
1.52
Dimensions — TO-92
Ammo Pack Specification — TO-92
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.7
(43)
12.9
(327)
6.9
(175)
1.7
(43)
0.157 DIA
(4.0)
A
B
D
C
W1
FLAT SIDE
OF TO-92
ROUND SIDE
OF TO-92
H
W3
W
W4
H1
W2
P
P0
F
(RP1)
F
(RP2)
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
N/A
14.173
N/A
360.0
B
4.016
N/A
102.0
N/A
C
3.386
N/A
86.0
N/A
D
0.795
N/A
20.2
N/A
W1
1.181
1.968
30.0
50.0
P
0.496
0.504
12.60
12.80
P0
0.498
0.502
12.65
12.75
F(for RP1)
0.090
0.110
2.29
2.80
F(for RP2)
0.182
0.244
4.63
6.19
H
N/A
1.673
N/A
42.50
H1
N/A
1.270
N/A
32.26
W
0.674
0.763
17.12
19.38
W2
0.354
0.370
8.25
9.75
W3
0.236
N/A
6.00
N/A
W4
0.020
N/A
0.50
N/A
Tape and Reel Specification — TO-92


同様の部品番号 - P0080EBL

メーカー部品番号データシート部品情報
logo
HuaXinAn Electronics CO...
P0080EBL HUAXINAN-P0080EBL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P0080EBL HUAXINAN-P0080EBL Datasheet
617Kb / 7P
   Protection Thyristor
P0080EBL HUAXINAN-P0080EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P0080EBLRP1 LITTELFUSE-P0080EBLRP1 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
P0080EBLRP2 LITTELFUSE-P0080EBLRP2 Datasheet
157Kb / 5P
   SIDACtor Series - TO-92
More results

同様の説明 - P0080EBL

メーカー部品番号データシート部品情報
logo
Littelfuse
P0080EAL LITTELFUSE-P0080EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3203UBLRP LITTELFUSE-P3203UBLRP Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
P0080S4BLRP LITTELFUSE-P0080S4BLRP Datasheet
653Kb / 4P
   Protection Thyristors
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
   This new SIDACtor짰 Series provides overvoltage protection
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com