データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N202G データシート(PDF) 1 Page - Shanghai Lunsure Electronic Tech

部品番号 1N202G
部品情報  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENYI [Shanghai Lunsure Electronic Tech]
ホームページ  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N202G データシート(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N202G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N202G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
RL201G THRU RL207G
CHENYI ELECTRONICS
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0Amperes
FEATURES
. The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
. High current capaility
. Low reverse leakage
. Glass passivated junction
. Low forward voltage drop
. High temperature soldering guaranteed: 350
/10 seconds,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
MECHANICAL DATA
. Case: JEDEC DO-15 molded plastic body
. Terminals: Plated axial lead solderable per MIL-STD-750,method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
Dimensions in inches and (millimeters)
. Weight: 0.014 ounce, 0.39 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate by 20%)
Symbols
1N
201G
1N
202G
1N
203G
1N
204G
1N
205G
1N
206G
1N
207G
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
300
400
600
200
1000
Volts
Maximum RMS voltage
VRMS
35
70
210
280
420
140
700
Volts
Maximum DC blocking voltage
VDC
50
100
300
400
600
200
1000
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=75
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 2.0 A
VF
Volts
Maximum reverse
TA=25
current at rated DC blocking voltage
TA=100
Typeical thermal resistance(Note 2)
R
JA
/W
Typical junction Capacitance(Note 1)
CJ
pF
TJ
TSTG
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length,
P.C.B. Mounted
I(AV)
2.0
Amps
IFSM
70.0
Amps
1.1
IR
5.0
A
50.0
40.0
20.0
Operating and storage temperature range
-50 to +175
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


同様の部品番号 - 1N202G

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1N202 ETC1-1N202 Datasheet
266Kb / 6P
   silicon diode
logo
New Jersey Semi-Conduct...
1N2020A NJSEMI-1N2020A Datasheet
46Kb / 1P
   Temperature-compensated zcncr reference diodes
logo
Microsemi Corporation
1N2021 MICROSEMI-1N2021 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
1N2021 NJSEMI-1N2021 Datasheet
100Kb / 1P
   Silicon Power Rectifiers
1N2021 NJSEMI-1N2021 Datasheet
46Kb / 1P
   Temperature-compensated zcncr reference diodes
More results

同様の説明 - 1N202G

メーカー部品番号データシート部品情報
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com