データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM324ANPB データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM324ANPB
部品情報  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324ANPB データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM324ANPB Datasheet HTML 6Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 7Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 8Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 9Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 10Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 11Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 12Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 13Page - National Semiconductor (TI) LM324ANPB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
APPLICATION HINTS
The LM124-N series are op amps which operate with only a single power supply voltage, have true-differential
inputs, and remain in the linear mode with an input common-mode voltage of 0 VDC. These amplifiers operate
over a wide range of power supply voltage with little change in performance characteristics. At 25°C amplifier
operation is possible down to a minimum supply voltage of 2.3 VDC.
The pinouts of the package have been designed to simplify PC board layouts. Inverting inputs are adjacent to
outputs for all of the amplifiers and the outputs have also been placed at the corners of the package (pins 1, 7, 8,
and 14).
Precautions should be taken to insure that the power supply for the integrated circuit never becomes reversed in
polarity or that the unit is not inadvertently installed backwards in a test socket as an unlimited current surge
through the resulting forward diode within the IC could cause fusing of the internal conductors and result in a
destroyed unit.
Large differential input voltages can be easily accommodated and, as input differential voltage protection diodes
are not needed, no large input currents result from large differential input voltages. The differential input voltage
may be larger than V+ without damaging the device. Protection should be provided to prevent the input voltages
from going negative more than
−0.3 VDC (at 25°C). An input clamp diode with a resistor to the IC input terminal
can be used.
To reduce the power supply drain, the amplifiers have a class A output stage for small signal levels which
converts to class B in a large signal mode. This allows the amplifiers to both source and sink large output
currents. Therefore both NPN and PNP external current boost transistors can be used to extend the power
capability of the basic amplifiers. The output voltage needs to raise approximately 1 diode drop above ground to
bias the on-chip vertical PNP transistor for output current sinking applications.
For ac applications, where the load is capacitively coupled to the output of the amplifier, a resistor should be
used, from the output of the amplifier to ground to increase the class A bias current and prevent crossover
distortion.
Where the load is directly coupled, as in dc applications, there is no crossover distortion.
Capacitive loads which are applied directly to the output of the amplifier reduce the loop stability margin. Values
of 50 pF can be accommodated using the worst-case non-inverting unity gain connection. Large closed loop
gains or resistive isolation should be used if larger load capacitance must be driven by the amplifier.
The bias network of the LM124-N establishes a drain current which is independent of the magnitude of the power
supply voltage over the range of from 3 VDC to 30 VDC.
Output short circuits either to ground or to the positive power supply should be of short time duration. Units can
be destroyed, not as a result of the short circuit current causing metal fusing, but rather due to the large increase
in IC chip dissipation which will cause eventual failure due to excessive junction temperatures. Putting direct
short-circuits on more than one amplifier at a time will increase the total IC power dissipation to destructive
levels, if not properly protected with external dissipation limiting resistors in series with the output leads of the
amplifiers. The larger value of output source current which is available at 25°C provides a larger output current
capability at elevated temperatures (see TYPICAL PERFORMANCE CHARACTERISTICS) than a standard IC
op amp.
The circuits presented in the section on Typical Single-Supply Applications emphasize operation on only a single
power supply voltage. If complementary power supplies are available, all of the standard op amp circuits can be
used. In general, introducing a pseudo-ground (a bias voltage reference of V+/2) will allow operation above and
below this value in single power supply systems. Many application circuits are shown which take advantage of
the wide input common-mode voltage range which includes ground. In most cases, input biasing is not required
and input voltages which range to ground can easily be accommodated.
10
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N


同様の部品番号 - LM324ANPB

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
LM324AN PHILIPS-LM324AN Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM324AN TI1-LM324AN Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
STMicroelectronics
LM324AN STMICROELECTRONICS-LM324AN Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
Texas Instruments
LM324AN TI-LM324AN Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
logo
Fairchild Semiconductor
LM324AN FAIRCHILD-LM324AN Datasheet
139Kb / 12P
   Quad Operational Amplifier
2002 Rev. 1.0.4
More results

同様の説明 - LM324ANPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM124-N TI1-LM124-N_13 Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
MLM324P TI-MLM324P Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM124-N TI1-LM124-N Datasheet
564Kb / 22P
[Old version datasheet]   LM124/LM224/LM324/LM2902 Low Power Quad Operational Amplifiers
LM318N TI-LM318N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com