データシートサーチシステム |
|
LM324MTXNOPB データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM324MTXNOPB データシート(HTML) 6 Page - National Semiconductor (TI) |
6 / 31 page LM124-N, LM224-N, LM2902-N, LM324-N SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004 www.ti.com ELECTRICAL CHARACTERISTICS (continued) V + = +5.0V, (1), unless otherwise stated LM124-N/LM224-N LM324-N LM2902-N Parameter Conditions Units Min Typ Max Min Typ Max Min Typ Max Output Current Source VIN + = 1V, V IN − = 0V, 20 40 20 40 20 40 V+ = 15V, VO = 2V, TA = 25°C mA Sink VIN − = 1V, V IN + = 0V, 10 20 10 20 10 20 V+ = 15V, VO = 2V, TA = 25°C VIN − = 1V, V IN + = 0V, 12 50 12 50 12 50 μA V+ = 15V, VO = 200 mV, TA = 25°C Short Circuit to Ground V+ = 15V, TA = 25°C (6) 40 60 40 60 40 60 mA Input Offset Voltage See(2) 7 9 10 mV VOS Drift RS = 0Ω 7 7 7 μV/°C Input Offset Current IIN(+) − IIN(−), VCM = 0V 100 150 45 200 nA IOS Drift RS = 0Ω 10 10 10 pA/°C Input Bias Current IIN(+) or IIN(−) 40 300 40 500 40 500 nA Input Common-Mode V+ = +30V 0 V+ −2 0 V+ −2 0 V+ −2 V Voltage Range(4) (LM2902-N, V+ = 26V) Large Signal V+ = +15V (VOSwing = 1V to 11V) Voltage Gain RL ≥ 2 kΩ 25 15 15 V/mV Output Voltage VOH V+ = 30V RL = 2 kΩ 26 26 22 V Swing (LM2902-N, V+ = 26V) RL = 10 kΩ 27 28 27 28 23 24 VOL V+ = 5V, RL = 10 kΩ 5 20 5 20 5 100 mV Output Current Source VO = 2V VIN + = +1V, 10 20 10 20 10 20 VIN − = 0V, V+ = 15V mA Sink VIN − = +1V, 5 8 5 8 5 8 VIN + = 0V, V+ = 15V (6) Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. 6 Submit Documentation Feedback Copyright © 2004, Texas Instruments Incorporated Product Folder Links: LM124-N LM224-N LM2902-N LM324-N |
同様の部品番号 - LM324MTXNOPB |
|
同様の説明 - LM324MTXNOPB |