データシートサーチシステム |
|
7-215083-4 データシート(PDF) 2 Page - Tyco Electronics |
|
7-215083-4 データシート(HTML) 2 Page - Tyco Electronics |
2 / 100 page 2 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Ribbon Cable Connector Selection Guide Ribbon Cable Interconnect Solutions Male-on-Wire 215083 Series, Page 12 Mates to .50" x .50" Micro-MaTch Female Top Entry, 215079 Series, PCB Connector Page 8 .050" [1.27 mm] Cable Pitch Male-on-Wire 215083 Series, Page 12 Mates to .050" x .050" Micro-MaTch Female Side Entry, 215460 Series, PCB Connector Page 9 Male-on-Wire 215083 Series, Page 12 Mates to .050" x .050" Micro-MaTch Female Top Entry SMD, 188275 Series, PCB Connector Page 10 50/50 Grid Receptacle Connector with or without latch 50/50 Grid Receptacle Connectors without latch Mates to 50" x 50" Right-Angle Headers Mates to 50" x 50" Vertical Headers Paddle Board Connector, 215570 Series, Page 13 Solders directly to 2.54mm x 1.27mm Staggered 2 row PCB Footprint .050" [1.27 mm] Cable Pitch (Continued) System 50 Receptacles Pages 8-11 Mates to .050" x .100" 2-Row Pin Header Grid Pages 10 and 11 Ultra ATA Bus Receptacles Pages 13-15 Mates to .100" x .100" 2-Row Pin Header Grid Page 15 Solders to .075" x .100" 4-Row PCB Layout .025" [0.64 mm] Cable Pitch Mates to .078" [2 mm] x .078" [2 mm] 2-Row Pin Header Grid See 5176264, 5178751 Series and Part Number 1775109 (Not in this Catalog) .039" [1.00 mm] Cable Pitch 2 mm Receptacle Connectors Pages 16 and 17 System 50 Paddleboard Page 12 |
同様の部品番号 - 7-215083-4 |
|
同様の説明 - 7-215083-4 |