データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB4511J3 データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 BTB4511J3
部品情報  PNP Epitaxial Planar High Current (High Performance) Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB4511J3 データシート(HTML) 6 Page - Cystech Electonics Corp.

  BTB4511J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB4511J3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C662J3
Issued Date : 2010.10.26
Revised Date : 2010.12.08
Page No. : 6/6
BTB4511J3
CYStek Product Specification
TO-252 Dimension
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.087
0.094
2.200
2.400
e
0.086
0.094
2.186
2.386
A1
0.000
0.005
0.000
0.127
e1
0.172
0.188
Marking:
Device
Name
Date
Code
B4511
□□□□
1
2
3
4
Style: Pin 1.Base 2.Collector 3.Emitter
4.Collector
3-Lead TO-252 Plastic Surface Mount Package
CYStek Package Code: J3
4.372
4.772
B
0.039
0.048
0.990
1.210
H
0.163 REF
4.140 REF
b
0.026
0.034
0.660
0.860
K
0.190 REF
4.830 REF
b1
0.026
0.034
0.660
0.860
L
0.386
0.409
9.800
10.400
C
0.018
0.023
0.460
0.580
L1
0.114 REF
2.900 REF
C1
0.018
0.023
0.460
0.580
L2
0.055
0.067
1.400
1.700
D
0.256
0.264
6.500
6.700
L3
0.024
0.039
0.600
1.000
D1
0.201
0.215
5.100
5.460
P
0.026 REF
0.650 REF
E
0.236
0.244
6.000
6.200
V
0.211 REF
5.350 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead : Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


同様の部品番号 - BTB4511J3

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BTB40 UTC-BTB40 Datasheet
163Kb / 3P
   40A STANDARD TRIAC
logo
STMicroelectronics
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
95Kb / 7P
   40A TRIACS
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
More results

同様の説明 - BTB4511J3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTB1216J3 CYSTEKEC-BTB1216J3 Datasheet
257Kb / 7P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP953L3 CYSTEKEC-BTP953L3 Datasheet
204Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955L3 CYSTEKEC-BTP955L3 Datasheet
209Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP2014L3 CYSTEKEC-BTP2014L3 Datasheet
292Kb / 8P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955J3 CYSTEKEC-BTP955J3 Datasheet
184Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP1955L3 CYSTEKEC-BTP1955L3 Datasheet
264Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955M3 CYSTEKEC-BTP955M3 Datasheet
251Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com