データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3903 データシート(PDF) 1 Page - Digitron Semiconductors

部品番号 1N3903
部品情報  FAST RECOVERY RECTIIFER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3903 データシート(HTML) 1 Page - Digitron Semiconductors

  1N3903 Datasheet HTML 1Page - Digitron Semiconductors 1N3903 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3899-1N3903
FAST RECOVERY RECTIIFER
MAXIMUM RATINGS
Parameter
Symbol
1N3899
1N3900
1N3901
1N3902
1N3903
Working peak reverse voltage
VRWM
50V
100V
200V
300V
400V
Peak repetitive reverse voltage
VRRM
50V
100V
200V
300V
400V
Operating temperature range
TJ
-65 to +150°C
Storage temperature range
Tstg
-65 to +175°C
Maximum thermal resistance
R
θJC
1.8°C/W junction to case
Mounting torque
25-30 inch pounds
Weight
.54 ounces (15.3 grams) typical
Add “R” to part numbers for reverse polarity.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Value
Test Conditions
Average forward current
IF(AV)
20 Amps
TC = 100°C, square wave, RθJC = 1.8°C/W
Maximum surge current
IFSM
225 Amps
8.3ms, half-sine, TC = 100°C
Maximum peak forward voltage
VFM
1.40 Volts
IFM = 63A: TJ = 25°C*
Maximum peak reverse current
IRM
50 µA
VRRM, TJ = 25°C
Maximum peak reverse current
IRM
6.0 mA
VRRM, TJ = 150°C
Maximum reverse recovery time
tRR
200ns
IF = 1A dc, VR = 30V, di/dt = 25A/µs
Typical junction capacitance
CJ
150pF
VR = 10V, f = 1Mhz, TJ = 25°C
Pulse test: pulse width 300µsec. Duty cycle 2%
MECHANICAL CHARACTERISTICS
Case
DO-5(R)
Marking
Alpha-numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-5(R)
Inches
Millimeters
Min
Max
Min
Max
A
¼-28 UNF2A threads
B
0.669
0.688
16.990
17.480
C
-
0.794
-
20.160
D
-
1.000
-
25.400
E
0.422
0.453
10.720
11.510
F
0115
0.200
2.920
5.080
G
-
0.450
-
11.430
H
0.220
0.249
5.580
6.320
J
0.250
0.375
6.350
9.530
K
0.156
-
3.960
-
M
-
0.667
-
16.940
N
0.030
0.080
0.760
2.030
P
0.140
0.175
3.560
4.450
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121127


同様の部品番号 - 1N3903

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N3903 MICROSEMI-1N3903 Datasheet
114Kb / 2P
   Fast Recovery Rectifier
1N3903 MICROSEMI-1N3903 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
1N3903 MICROSEMI-1N3903 Datasheet
131Kb / 2P
   Fast Recovery Rectifier 1N3899 - 1N3903
04-18-07
logo
New Jersey Semi-Conduct...
1N3903 NJSEMI-1N3903 Datasheet
46Kb / 1P
   FAST RECOVERY RECTIFIER DIODES
logo
Microsemi Corporation
1N3903A MICROSEMI-1N3903A Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
More results

同様の説明 - 1N3903

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N3879 DIGITRON-1N3879 Datasheet
110Kb / 2P
   FAST RECOVERY RECTIIFER
1N3889 DIGITRON-1N3889 Datasheet
110Kb / 2P
   FAST RECOVERY RECTIIFER
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com