データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3213 データシート(PDF) 1 Page - Digitron Semiconductors

部品番号 1N3213
部品情報  STANDARD RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGITRON [Digitron Semiconductors]
ホームページ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3213 データシート(HTML) 1 Page - Digitron Semiconductors

  1N3213 Datasheet HTML 1Page - Digitron Semiconductors 1N3213 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3208-1N3214, 1N5332
STANDARD RECOVERY RECTIFIERS
MAXIMUM RATINGS
Symbol
Parameter
Value
TSTG
Storage temperature range
-65 to +200°C
TJ
Operating junction temperature range
-65 to +200°C
R
θJC
Maximum thermal resistance
1.25°C/W junction to case
R
θJC
Typical thermal resistance
1.1°C/W junction to case
Maximum mounting torque
25-30 inch pounds maximum
Weight
0.5 ounces (14 grams) typical
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
1N3208
1N3209
1N3210
1N3211
1N3212
1N3213
1N3214
1N5332
VR
Peak reverse voltage
50V
100V
200V
300V
400V
500V
600V
1200V
Test Conditions
IF(AV)
Average forward current
40 A
TC = 146°C, halfsine
wave,
RθJC = 1.25°C/W
IFSM
Maximum surge current
800 A
8.3ms, half sine
TJ = 200°C
I2t
Maximum I2t for fusing
2600 A2s
VFM
Maximum peak forward voltage
1.19 V
IFM = 90A: TJ = 25°C*
IRM
Maximum peak reverse current
10 µA
VRRM, TJ = 25°C
IRM
Maximum peak reverse current
2 mA
VRRM, TJ = 150°C
Maximum recommended
operating frequency
10kHz
*Pulse test: Pulse width 300 µsec, duty cycle 2%
MECHANICAL CHARACTERISTICS
Case
DO-5(R)
Marking
Alpha numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-5(R)
Inches
Millimeters
Min
Max
Min
Max
A
¼-28 UNF2A threads
B
0.669
0.688
16.990
17.480
C
-
0.794
-
20.160
D
-
1.000
-
25.400
E
0.422
0.453
10.720
11.510
F
0115
0.200
2.920
5.080
G
-
0.450
-
11.430
H
0.220
0.249
5.580
6.320
J
0.250
0.375
6.350
9.530
K
0.156
-
3.960
-
M
-
0.667
-
16.940
N
0.030
0.080
0.760
2.030
P
0.140
0.175
3.560
4.450
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121206


同様の部品番号 - 1N3213

メーカー部品番号データシート部品情報
logo
International Rectifier
1N3213 IRF-1N3213 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Microsemi Corporation
1N3213 MICROSEMI-1N3213 Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
logo
Vishay Siliconix
1N3213 VISHAY-1N3213 Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
New Jersey Semi-Conduct...
1N3213 NJSEMI-1N3213 Datasheet
129Kb / 1P
   PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
logo
America Semiconductor, ...
1N3213 AMERICASEMI-1N3213 Datasheet
426Kb / 2P
   DEVICE HIGH POWER STANDARD
More results

同様の説明 - 1N3213

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
   STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
Digitron Semiconductors
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIERS
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
   STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com