データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF260 データシート(PDF) 1 Page - Nell Semiconductor Co., Ltd

部品番号 IRF260
部品情報  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NELLSEMI [Nell Semiconductor Co., Ltd]
ホームページ  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF260 データシート(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF260 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF260 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF260 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF260 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF260 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF260 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF260 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
IRF260 Series
N-Channel Power MOSFET
50A, 200Volts
DESCRIPTION
Low reverse transfer capacitance
(C
= 310pF typical)
RSS
R
= 0.055Ω @ V
= 10V
DS(ON)
GS
Ultra low gate charge(230nC Max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
Note:
1.Repetitive rating: pulse width limited by junction temperature.
2
.l
=50A, L=0.7mH, V
=50V, R =25Ω, starting T =25°C.
AS
DD
G
J
3
.I
≤ 50A, di/dt ≤ 230A/µs, V
V
,
T
< 1
°C.
SD
DD
(BR)DSS
J
starting
50
www.nellsemi.com
Page 1 of 7
They are designed for use in applications such as
switched mode power supplies, DC to DC converters,
motor control circuits, UPS and general purpose
switching applications.
The Nell IRF260 is a three-terminal silicon device
with current conduction capability of 50A, fast switching
speed, low on-state resistance, breakdown voltage
rating of 200V, and max. threshold voltage of 4 volts.
D (Drain)
G
(Gate)
S (Source)
TO-3PB
G
D
S
D
(IRF260B)
TO-247AB
(
)
IRF260C
G
D
S
UNIT
V /ns
V
W /°C
A
mJ
ºC
-55 to 150
VALUE
50
35
200
±20
200
200
280
5.0
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
T =25°C
C
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current(Note 1)
Continuous Drain Current (V
=10V)
GS
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note 1)
50
T =25°C
C
1000
Single pulse avalanche energy(Note 2)
EAS
2.2
Derate above 25
°C
28
Repetitive avalanche energy(Note 1)
EAR
l
=50A, R
=10V
AR
GS
=50Ω, V
GS
l
=50A, =0.7mH
AS
L
W
PRODUCT SUMMARY
I (A)
D
50
V
(V)
DSS
200
0.055 @ V
= 10V
GS
230
R
(Ω)
DS(ON)
Q (nC) max.
G


同様の部品番号 - IRF260

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
IRF200 ETC-IRF200 Datasheet
84Kb / 2P
   50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
logo
International Rectifier
IRF200B211 IRF-IRF200B211 Datasheet
551Kb / 10P
   Brushed Motor drive applications
logo
Inchange Semiconductor ...
IRF200B211 ISC-IRF200B211 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF200B211 IRF-IRF200B211_15 Datasheet
551Kb / 10P
   Brushed Motor drive applications
logo
Infineon Technologies A...
IRF200P222 INFINEON-IRF200P222 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-03-10
More results

同様の説明 - IRF260

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com