データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5406281-3 データシート(PDF) 1 Page - Tyco Electronics

部品番号 5406281-3
部品情報  Multi-Port Modular Jacks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5406281-3 データシート(HTML) 1 Page - Tyco Electronics

  5406281-3 Datasheet HTML 1Page - Tyco Electronics 5406281-3 Datasheet HTML 2Page - Tyco Electronics 5406281-3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Multi-Port Modular Jacks
Modular Jacks and MRJ21 Product
Product Facts
Meets or exceeds FCC Part
68 rules and regulations
with standard pc board foot-
prints
Low profile and narrow
width allow more ports to be
packed into less space
Unshielded and shielded
versions in popular size
configurations
Positive connection through-
out life of equipment with
insert molded contacts
Accurately positioned solder
tails reduce assembly labor
while selectively deposited
gold plating results in lower
cost
Center mounting leg avail-
able on 8 port shielded and
unshielded versions
Available with two ground-
ing paths; pc board & panel
Listed by Underwriters
Laboratories Inc.,
File No. E81956
Certified by Canadian
Standards Association,
File No. LR 7189A
Produced under a Quality
Management System
Certified to ISO 9001
A copy of the
certificate is available
upon request
Specifications
Electrical
Current Rating — 1.5 amp max. @
25°C
Voltage Rating — 150 VAC max.
Contact to Contact
Dielectric Withstanding Voltage —
1000 VAC
Insulation Resistance —
500 megaohms min.
Shielding Effectiveness —
20dB min., 10 to 200 MHz
Mechanical
Durability — 750 mating cycles
Mating/Unmating Forces —
5 lbs. max.
Operating Temperature —
40°C to 70°C
Material and Finish
Housing — High temperature nylon,
black UL 94V-0 rated
Contact — .013 [0.33] Phosphor
bronze; plated .000050 [0.00127] gold
in localized area and .000150 [0.00381]
tin-lead on solder tails, over .000050
[0.00127] nickel underplate
Shield — .010 [0.25] or .0077 [0.20]
copper alloy tin-lead plated
R
R
Technical Documents
Application Specifications
114-02048
Product Specifications
108-01163


同様の部品番号 - 5406281-3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
5406216-1 ETC2-5406216-1 Datasheet
1Mb / 6P
   Quick Reference Guide
logo
Tyco Electronics
5406217-1 MACOM-5406217-1 Datasheet
319Kb / 7P
   Single Port Modular Jacks
5406217-1 MACOM-5406217-1 Datasheet
323Kb / 7P
   Single Port Modular Jacks
logo
Sumida Corporation
54062701200 SUMIDA-54062701200 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
540627012T0 SUMIDA-540627012T0 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
More results

同様の説明 - 5406281-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
1-338086-3 MACOM-1-338086-3 Datasheet
323Kb / 7P
   Single Port Modular Jacks
6116173-1 MACOM-6116173-1 Datasheet
319Kb / 7P
   Single Port Modular Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com