データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL408 データシート(PDF) 1 Page - Bruckewell Technology LTD

部品番号 KBL408
部品情報  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBL408 データシート(HTML) 1 Page - Bruckewell Technology LTD

  KBL408 Datasheet HTML 1Page - Bruckewell Technology LTD KBL408 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL400 - KBL410
SILICON BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 4.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Rated isolation-voltage 2000 VAC
* Ideal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 5.15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
KBL
400
KBL
401
KBL
402
KBL
404
KBL
406
KBL
408
KBL
410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc=50
°C
IF(AV)
4.0
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Rating for fusing
( t < 8.3 ms. )
I
2t
166
A
2S
Maximum Forward Voltage per Diode at IF = 4 A
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
μA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Typical Thermal Resistance ( Note 1 )
RθJA
10
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
(1) Thermal resistance from Junction to Ambient with units mounted on a 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate.
Page 1 of 2
RATING
IFSM
200
A
0.085 (2.16)
0.065 (1.65)
KBL
0.77 (19.56)
0.73 (18.54)
0.265 (6.73 )
0.235 (5.97)
0.200 (5.08)
0.190 (4.82)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeter )
+ AC AC
0.825 (20.95)
0.605 (15.36)
1.1 (27.94)
MIN.
1.0 (25.4)
MIN.


同様の部品番号 - KBL408

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
KBL408 CHENDA-KBL408 Datasheet
493Kb / 3P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBL408 WTE-KBL408 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
KBL408 PFS-KBL408 Datasheet
194Kb / 2P
   High current capability
logo
Guangdong Juxing Electr...
KBL408 JUXING-KBL408 Datasheet
451Kb / 2P
   BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBL408 YFWDIODE-KBL408 Datasheet
459Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

同様の説明 - KBL408

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com