データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL410 データシート(PDF) 2 Page - Bruckewell Technology LTD

部品番号 KBL410
部品情報  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

KBL410 データシート(HTML) 2 Page - Bruckewell Technology LTD

  KBL410 Datasheet HTML 1Page - Bruckewell Technology LTD KBL410 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER DIODE
0.4
06
0.8
1.0
1.2
1.4
1.6
1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
RATING AND CHARACTERISTIC CURVES ( KBL400 - KBL410 )
60 Hz, Resistive or inductive load.
Mounted on
3" X 3" X 0.11" THK
( 7.5cm X 7.5cm X 0.3cm )
Cu. plate.
3.0
2.0
1.0
4.0
100
10
1.0
150
0
200
0
100
50
0.1
10
80
0.01
0.0
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25 °C
Pulse W idth = 300
μs
1 % Duty Cycle
8.3 ms SINGLE HALF SINE W AVE
JEDEC METHOD
TJ = 55 °C
TJ = 100 °C
TJ = 25 °C
125
175
75
25


同様の部品番号 - KBL410

メーカー部品番号データシート部品情報
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBL410 WTE-KBL410 Datasheet
33Kb / 3P
   4.0A BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
KBL410 LUGUANG-KBL410 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
Kingtronics Internation...
KBL410 KINGTRONICS-KBL410 Datasheet
334Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Guangdong Juxing Electr...
KBL410 JUXING-KBL410 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

同様の説明 - KBL410

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com