データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD6N50TM-WS データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FDD6N50TM-WS
部品情報  N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N50TM-WS データシート(HTML) 8 Page - Fairchild Semiconductor

  FDD6N50TM-WS Datasheet HTML 1Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 2Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 3Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 4Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 5Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 6Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 7Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 8Page - Fairchild Semiconductor FDD6N50TM-WS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
FDD6N50 / FDU6N50 Rev. C1
www.fairchildsemi.com
8
Mechanical Dimensions
Figure 17. TO-251 (I-PAK), Molded, 3-Lead, Option AA
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT251-003


同様の部品番号 - FDD6N50TM-WS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD6N50TM FAIRCHILD-FDD6N50TM Datasheet
845Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDD6N50TM ISC-FDD6N50TM Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD6N50TM FAIRCHILD-FDD6N50TM_10 Datasheet
946Kb / 8P
   500V N-Channel MOSFET
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
   Improved dv/dt capability
More results

同様の説明 - FDD6N50TM-WS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQB10N50CFTM FAIRCHILD-FQB10N50CFTM Datasheet
600Kb / 8P
   N-Channel QFETR FRFETR MOSFET500 V, 10 A, 610 m
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com