データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECWH20123V データシート(PDF) 3 Page - Panasonic Semiconductor

部品番号 ECWH20123V
部品情報  Designed for high frequency and pluse applications.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH20123V データシート(HTML) 3 Page - Panasonic Semiconductor

  ECWH20123V Datasheet HTML 1Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 2Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 3Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 4Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 5Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 6Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 7Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 8Page - Panasonic Semiconductor ECWH20123V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC63−
Plastic Film Capacitors
■Rating & Dimensions
●Rated voltage : 1000 VDC. Capacitance tolerance : ±3 %(H), ±5 %(J)
Suffix for lead crimped
Cap. tol. code
ød
ECWH10752
□V(
)
0.0075
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH10822
□V(
)
0.0082
18.0
6.0
12.5
17.5
15.0
10.0
0.80
ECWH10912
□V(
)
0.0091
18.0
6.0
13.0
18.0
15.0
10.0
0.80
ECWH10103
□V(
)
0.010
18.0
6.5
13.0
18.0
15.0
10.0
0.80
ECWH10113
□V(
)
0.011
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10123
□V(
)
0.012
18.0
6.5
13.5
18.5
15.0
10.0
0.80
ECWH10133
□V(
)
0.013
18.0
7.0
13.5
18.5
15.0
10.0
0.80
ECWH10153
□V(
)
0.015
18.0
7.0
14.0
19.0
15.0
10.0
0.80
ECWH10163
□V(
)
0.016
18.0
7.5
14.0
19.0
15.0
10.0
0.80
ECWH10183
□V(
)
0.018
18.0
7.5
14.5
19.5
15.0
10.0
0.80
ECWH10203
□V(
)
0.020
18.0
8.0
15.0
20.0
15.0
10.0
0.80
ECWH10223
□V(
)
0.022
18.0
8.5
15.0
20.0
15.0
10.0
0.80
ECWH10243
□V(
)
0.024
18.0
8.5
15.5
20.5
15.0
10.0
0.80
ECWH10273
□V(
)
0.027
18.0
9.0
16.0
21.0
15.0
10.0
0.80
ECWH10303
□V(
)
0.030
18.0
9.5
16.5
21.5
15.0
10.0
0.80
ECWH10333
□V(
)
0.033
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH10363
□V(
)
0.036
23.0
7.5
16.0
21.0
20.0
15.0
0.80
ECWH10393
□V(
)
0.039
23.0
8.0
16.5
21.5
20.0
15.0
0.80
ECWH10433
□V(
)
0.043
23.0
8.5
16.5
21.5
20.0
15.0
0.80
ECWH10473
□V(
)
0.047
23.0
8.5
17.0
22.0
20.0
15.0
0.80
ECWH10513
□V(
)
0.051
23.0
9.0
17.5
22.5
20.0
15.0
0.80
ECWH10563
□V(
)
0.056
23.0
9.5
17.5
22.5
20.0
15.0
0.80
ECWH10623
□V(
)
0.062
23.0
9.5
18.0
23.0
20.0
15.0
0.80
ECWH10683
□V(
)
0.068
23.0
10.0
19.0
24.0
20.0
15.0
0.80
ECWH10753
□V(
)
0.075
23.0
10.5
19.5
24.5
20.0
15.0
0.80
ECWH10823
□V(
)
0.082
23.0
11.0
20.0
25.0
20.0
15.0
0.80
ECWH10913
□V(
)
0.091
23.0
11.5
20.5
25.5
20.0
15.0
0.80
ECWH10104
□V(
)
0.10
23.0
12.0
21.0
26.0
20.0
15.0
0.80
Part No.
Cap.
(µF)
Taping
7.5 mm
Dimensions (mm)
300
400
400
300
L max
T max
500
500
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Min. order Q'ty
Bulk
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
63


同様の部品番号 - ECWH20123V

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
ECWH10102MV PANASONIC-ECWH10102MV Datasheet
98Kb / 7P
   Metallized Polypropylene Film Capacitor
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Plastic Film Capacitors
More results

同様の説明 - ECWH20123V

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
ECW-H20102JV PANASONIC-ECW-H20102JV Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
   Designed for high durability applications
logo
M.S. Kennedy Corporatio...
MSK4805 MSK-MSK4805_15 Datasheet
843Kb / 8P
   Designed for High Temperature Applications
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000_09 Datasheet
339Kb / 1P
   Designed for switching applications
DSM8100-000 SKYWORKS-DSM8100-000_08 Datasheet
107Kb / 5P
   Designed for switching applications
logo
Everlight Electronics C...
7344-B2T3-AMQB EVERLIGHT-7344-B2T3-AMQB Datasheet
103Kb / 6P
   Specially designed for applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com