データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-88L70-01S データシート(PDF) 5 Page - Clare, Inc.

部品番号 M-88L70-01S
部品情報  3V DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-88L70-01S データシート(HTML) 5 Page - Clare, Inc.

  M-88L70-01S Datasheet HTML 1Page - Clare, Inc. M-88L70-01S Datasheet HTML 2Page - Clare, Inc. M-88L70-01S Datasheet HTML 3Page - Clare, Inc. M-88L70-01S Datasheet HTML 4Page - Clare, Inc. M-88L70-01S Datasheet HTML 5Page - Clare, Inc. M-88L70-01S Datasheet HTML 6Page - Clare, Inc. M-88L70-01S Datasheet HTML 7Page - Clare, Inc. M-88L70-01S Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M-88L70
www.clare.com
5
Rev. 1
Table 5 Operating Characteristics - Gain Setting Amplifier
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input leakage current
I
N
-
100
-
nA
V
SS < VIN < VDD
Input resistance
R
IN
-10
-
M
Input offset voltage
V
OS
-15
25
mV
Power supply rejection
PSRR
50
60
-
dB
1 kHz
Common mode rejection
CMRR
40
60
-
dB
-3.0V < V
IN < 3.0V
DC open loop voltage gain
A
VOL
32
65
-
dB
Open loop unity gain bandwidth
f
C
0.3
1.0
-
MHz
Output voltage swing
V
O
-
2.2
-
V
P-P
RL 3 100 k
Ω to V
SS
Tolerable capacitive load (GS)
C
L
-
-
100
pF
Tolerable resistive load (GS)
R
L
50
-
-
k
Common mode range
V
CM
-
1.5
-
V
P-P
No load
All voltages referenced to V
SS unless otherwise noted. VDD = 3.0 V +20%/-10%, VSS = 0 V, TA = -40˚C to + +85˚C
Table 6 AC Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Valid input signal levels
-
-36
-
-6.4
dBm
1,2,3,4,5,8
(each tone of composite signal)
-
12.3
-
370
mVRMS
Positive twist accept
-
-
-
6
dB
Negative twist accept
-
-
-
6
dB
Frequency deviation accept limit
-
-
-
1.5% ±2 Hz
Nom.
2,3,5,8,10
Frequency deviation reject limit
-
±3.5%
-
-
Nom.
2,3,5
Third tone tolerance
-
-
-16
-
dB
2,3,4,5,8,9,13,14
Noise tolerance
-
-
-12
-
dB
2,3,4,5,6,8,9
Dial tone tolerance
-
-
+22
-
dB
2,3,4,5,7,8,9
Tone present detection time
t
DP
5
8
14
ms
See Figure 8
Tone absent detection time
t
DA
0.5
3
8.5
ms
Minimum tone duration accept
t
REC
-
40
ms
User adjustable (see Figures 3
Maximum tone duration reject
t
REC
20
-
-
ms
and Figure 5)
Minimum interdigit pause accept
t
ID
--
40
ms
Maximum interdigit pause reject
t
DO
20
-
-
ms
Propagation delay (St to Q)
t
PQ
-13
-
µs
OE = V
DD
Propagation delay (St to StD)
t
PStD
-8
-
µs
Output data setup (Q to StD)
t
QStD
-
3.4
-
µs
Propagation delay (OE to Q), enable
t
PTE
-
200
-
ns
R
L = 10kΩ, CL = 50 pF
Propagation delay (OE to Q), disable
t
PTD
-
500
-
ns
Crystal clock frequency
f
CLK
3.5759
3.5795
3.5831
MHz
Clock output (OSC2), capacitive load
C
LO
--
30
pF
All voltages referenced to VSS unless otherwise noted. For typical values V
DD = 3.0 V, VSS = 0 V, TA = -40˚C to +85˚C, fCLK = 3.579545 MHz.
Notes:
1. dBm = decibels above or below a reference power of 1 mW into a 600
Ω load.
2. Digit sequence consists of all 16 DTMF tones.
3. Tone duration = 40 ms. Tone pause = 40 ms.
4. Nominal DTMF frequencies are used, measured at GS.
5. Both tones in the composite signal have an equal amplitude.
6. Bandwidth limited (0 to 3 kHz) Gaussian noise.
7. The precise dial tone frequencies are (350 and 440 Hz) ± 2%.
8. For an error rate of better than 1 in 10,000.
9. Referenced to lowest level frequency component in DTMF signal.
10. Minimum signal acceptance level is measured with specified maximum frequency deviation.
11. Input pins defined as IN+, IN-, and OE.
12. External voltage source used to bias VREF.
13. This parameter also applies to a third tone injected onto the power supply.
14. Referenced to Figure 4. Input DTMF tone level at -28 dBm.


同様の部品番号 - M-88L70-01S

メーカー部品番号データシート部品情報
logo
Clare, Inc.
M-8870 CLARE-M-8870 Datasheet
301Kb / 9P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
Clare, Inc.
M-8870-01 CLARE-M-8870-01 Datasheet
301Kb / 9P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870-01 ETC2-M-8870-01 Datasheet
255Kb / 8P
   DTMF Receiver
logo
Clare, Inc.
M-8870-01 CLARE-M-8870-01 Datasheet
307Kb / 9P
   DTMF Receiver
More results

同様の説明 - M-88L70-01S

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com