データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-980-02P データシート(PDF) 1 Page - Clare, Inc.

部品番号 M-980-02P
部品情報  3V/5V General Purpose Call Progress Tone Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-980-02P データシート(HTML) 1 Page - Clare, Inc.

  M-980-02P Datasheet HTML 1Page - Clare, Inc. M-980-02P Datasheet HTML 2Page - Clare, Inc. M-980-02P Datasheet HTML 3Page - Clare, Inc. M-980-02P Datasheet HTML 4Page - Clare, Inc. M-980-02P Datasheet HTML 5Page - Clare, Inc. M-980-02P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-M980-02-R3
M-980-02
3V/5V General Purpose Call Progress Tone Detector
1
Block Diagram
Pin Diagram
Ordering Information
Part #
Description
M-980-02P
8-pin plastic DIP
M-980-02S
16-pin SOIC
M-980-02T
16-pin SOIC, Tape and Reel
Features
Covers the 315 to 640 Hz range (common call
progress)
Sensitivity to -38 dBm
Dynamic range over 38 dB
40 ms minimum detect
8-pin DIP or 16-pin SOIC
Single supply CMOS (low power)
Supply range 2.8 to 5.5 VDC
Inexpensive 3.58 MHz time base
Low power consumption (<_15 mW at 3V)
Applications
Automatic dialers
Dialing modems
Traffic measurement equipment
Test equipment
Service evaluation
Billing systems
Description
The M-980-02 is an integrated circuit tone detector for
general purpose use in automatic following of switched
telephone calls. The circuit uses low-power CMOS
techniques to provide the complete filtering and control
required for this function. The basic timing of the M-
980-02 is designed to permit operation with almost any
progress tone system.
The use of integrated circuit techniques allows the
M-980-02 to pack the complete frequency and ampli-
tude portion of call progress following into a single 8-
pin DIP or 16-pin SOIC. A 3.58 MHz crystal-controlled
time base guarantees accuracy and repeatability.
3V/5V
operation
increases
customer
flexibility,
improves reliability, and minimizes power consump-
tion.


同様の部品番号 - M-980-02P

メーカー部品番号データシート部品情報
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
More results

同様の説明 - M-980-02P

メーカー部品番号データシート部品情報
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com