データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-986-1R2P データシート(PDF) 1 Page - Clare, Inc.

部品番号 M-986-1R2P
部品情報  MFC Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-1R2P データシート(HTML) 1 Page - Clare, Inc.

  M-986-1R2P Datasheet HTML 1Page - Clare, Inc. M-986-1R2P Datasheet HTML 2Page - Clare, Inc. M-986-1R2P Datasheet HTML 3Page - Clare, Inc. M-986-1R2P Datasheet HTML 4Page - Clare, Inc. M-986-1R2P Datasheet HTML 5Page - Clare, Inc. M-986-1R2P Datasheet HTML 6Page - Clare, Inc. M-986-1R2P Datasheet HTML 7Page - Clare, Inc. M-986-1R2P Datasheet HTML 8Page - Clare, Inc. M-986-1R2P Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Part #
Description
M-986-1R2P
40-pin plastic DIP, Single Channel
M-986-1R2PL
44-pin PLCC, Single Channel
M-986-2R2P
40-pin plastic DIP, Dual Channel
M-986-2R2PL
44-pin PLCC, Dual Channel
www.clare.com
DS-M976-2R2-R3
M-986-2R2
MFC Transceivers
1
Block Diagram
Pin Assignments
Ordering Information
Features
Direct A-Law PCM digital input
2.048 Mb/s clocking
Programmable forward/backward mode
Programmable compelled/direct control
Operates with standard codecs for analog
interfacing
Microprocessor read/write interface
Binary or 2-of-6 data formats
Single- or dual-channel versions
5 volt power
Applications
Test equipment
Trunk adapters
Paging terminals
Traffic recorders
PBXs
Description
The M-986-1R2 and -2R2 MFC Transceivers contain
all the logic necessary to transmit and receive CCITT
R2F (forward) and R2B (backward) multifrequency
signals on one 40-pin integrated circuit (IC). M-986-
1R2 is a single-channel version; M-986-2R2 provides
two channels. R1 single and dual multifrequency
transceivers are also available as M-986-1R1 and -
2R1.
Operating with a 20.48 MHz crystal, the M-986 is
capable of providing a direct digital interface to an A-
law-encoded PCM digital input. Each channel can be
connected to an analog source using a coder-decoder
(codec) as shown in the Block Diagram below.
The M-986 can be configured by the customer to
operate with the transmitter and receiver either cou-
pled together or independently, allowing it to handle a
compelled cycle automatically or via command from
the host processor. For the R2 versions of the M-986,
A-law is used for coding/decoding. The M-986 is con-
figured and controlled through an integral coprocessor
port.


同様の部品番号 - M-986-1R2P

メーカー部品番号データシート部品情報
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1P CLARE-M-986-2A1P Datasheet
499Kb / 13P
   MF Transceiver
M-986-2A1PL CLARE-M-986-2A1PL Datasheet
499Kb / 13P
   MF Transceiver
More results

同様の説明 - M-986-1R2P

メーカー部品番号データシート部品情報
logo
Qualiflow Therm
RS485 QUALIFLOW-RS485 Datasheet
1Mb / 4P
   MFC Accessories
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
   Compact, General purpose MFC
logo
United Monolithic Semic...
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
   5 Volt Multi-Featured Codec (MFC)
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com