データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD-93B データシート(PDF) 5 Page - Clare, Inc.

部品番号 TD-93B
部品情報  MICROWAVE NOISE TUBES & NOISE SOURCES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARE [Clare, Inc.]
ホームページ  http://www.clare.com
Logo CLARE - Clare, Inc.

TD-93B データシート(HTML) 5 Page - Clare, Inc.

  TD-93B Datasheet HTML 1Page - Clare, Inc. TD-93B Datasheet HTML 2Page - Clare, Inc. TD-93B Datasheet HTML 3Page - Clare, Inc. TD-93B Datasheet HTML 4Page - Clare, Inc. TD-93B Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MICROWAVE NOISE TUBES & NOISE SOURCES
575
www.cpclare.com
TD/TN Series
ORDERING INFORMATION
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES
with Filamentary Cathode Noise Tubes(5)
NOISE SOURCE POWER SUPPLIES
with Current Regulation
All characteristics at 25˚C
WAVE-GUIDE
PART
FREQUENCY
APPROX.
TUBE
DC ANODE
MINIMUM
REPLACEMENT
MOUNTING
FLANGE
NUMBER
RANGE
ENR
DROP
CURRENT
STARTING
TUBE
MATE
(GHz)
(dB)
(VDC)
(mA)
VOLTAGE
SPIKE (kV)
WR-42
TN-170
18.0-26.5
15.0
170
120
2.0
TD-170
7
°E
UG-595/U
WR-28
TN-162
26.5-40.0
15.4
170
120
2.0
TD-162
7
°E
UG-599/U
WR-22
TN-172
33.0-50.0
15.4
170
120
2.0
TD-172
7
°E
UG-599/U
WR-19
TN-163
40.0-60.0
15.4
170
120
2.0
TD-163
7
°E
UG-385/U
WR-15
TN-164
50.0-75.0
15.0
170
120
2.0
TD-164
7
°E
UG-385/U
WR-12
TN-171
60.0-90.0
15.0
210
100
2.5
TD-171
7
°E
UG-385/U
WR-10
TN-165
75.0-110.0
14.2
225
75
3.0
TD-165
7
°E
UG-385/U
WR-8
TN-167
90.0-140.0
13.0
225
75
3.0
TD-167
7
°E
UG-385/U
WR-6
TN-166A
110.0-170.0
13.0
225
50
3.0
TD-166A
7
°E
UG-385/U
WR-5
TN-173
140.0-220.0
9.0
225
50
3.0
TD-173
7
°E
UG-385/U
(5) CP Clare can usually refurbish noise sources (depending on condition of waveguide) and install replacement tubes.
A complete part number is represented by
the information in the Part Number column
of the specification table.
PART NUMBER
FOR NOISE TUBES(6)
AC INPUT
DC STARTING
DC OPERATING
VOLTAGE (kV)
CURRENT (mA)
PS-237
TN-162 thru TN-172
115VAC, 60Hz
5.0
150
PS-238
except TN-166A
220VAC, 50Hz
5.0
150
PS-239
TN-173, TN-166A
115VAC, 60Hz
5.0
120
PS-240
220VAC, 50Hz
5.0
75
(6) These power supplies, though designed for the TN-162 through TN-173, are capable of operating many other noise sources made by CP Clare.


同様の部品番号 - TD-93B

メーカー部品番号データシート部品情報
logo
American Microsemicondu...
TD-9 AMMSEMI-TD-9 Datasheet
142Kb / 1P
   tunnel diodes
More results

同様の説明 - TD-93B

メーカー部品番号データシート部品情報
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
   Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
   Fullband Microwave Noise Sources 2 GHz to 4 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com