データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP53L3 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 BCP53L3
部品情報  General Purpose PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BCP53L3 データシート(HTML) 1 Page - Cystech Electonics Corp.

  BCP53L3 Datasheet HTML 1Page - Cystech Electonics Corp. BCP53L3 Datasheet HTML 2Page - Cystech Electonics Corp. BCP53L3 Datasheet HTML 3Page - Cystech Electonics Corp. BCP53L3 Datasheet HTML 4Page - Cystech Electonics Corp. BCP53L3 Datasheet HTML 5Page - Cystech Electonics Corp. BCP53L3 Datasheet HTML 6Page - Cystech Electonics Corp. BCP53L3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C824L3
Issued Date : 2007.03.29
Revised Date : 2010.09.06
Page No. : 1/7
BCP53L3
CYStek Product Specification
General Purpose PNP Epitaxial Planar Transistor
BCP53L3
Description
General purpose mainly intended for use in medium power industrial application and for audio amplifier
output stage.
Features
• High collector current and low VCE(SAT)
• Complement to BCP56L3
• Pb-free package
Symbol
Outline
BCP53L3
SOT-223
B:Base
C:Collector
E:Emitter
B C E
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current(DC)
IC
-1
A
Collector Current(Pulse)
ICP
-1.5
A
Power Dissipation @TC=25℃
Pd
2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C


同様の部品番号 - BCP53L3

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP53 SECOS-BCP53 Datasheet
303Kb / 2P
   PNP Silicon Medium Power Transistor
logo
GUANGDONG HOTTECH INDUS...
BCP53 HOTTECH-BCP53 Datasheet
183Kb / 2P
   Plastic-Encapsulate Transistors
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
October 1997
logo
Diodes Incorporated
BCP53 DIODES-BCP53 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

同様の説明 - BCP53L3

メーカー部品番号データシート部品情報
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com