データシートサーチシステム |
|
TD-77 データシート(PDF) 3 Page - Clare, Inc. |
|
TD-77 データシート(HTML) 3 Page - Clare, Inc. |
3 / 5 page MICROWAVE NOISE TUBES & NOISE SOURCES 573 www.cpclare.com TD/TN Series OUTLINE DRAWINGS (Noise Source Tubes with Filamentary or Hollow Cathodes) TD SERIES GAS DISCHARGE NOISE SOURCE TUBES with Indirectly-Heated Cathodes All characteristics at 25˚C. FREQUENCY BAND PART NUMBER/ MINIMUM DC ANODE TUBE TUBE-IN- USED IN RANGE EIA TYPE STARTING CURRENT DROP MOUNT MOUNT (GHZ) NUMBER VOLTAGE (mA) (VDC) ENR SPIKE (kV) (dB) 3.4-3.6 S TD-124 0.60 75 40 18.30 TN-65 2.9-3.1 TD-129 0.45 75 35 18.50 TN-71 2.7-2.9 TD-121 0.45 75 35 18.50 TN-72 8.2-12.4 X TD-126 1.50 100 90 15.6 TN-130 F A EB C 0.74 ± 0.08 (0.292 ± 0.032) 0.24 TYP. (0.097) D D A EB ALT. - A C 0.74 ± 0.08 (0.292 ± 0.032) 0.24 TYP. (0.097) DIMENSION (INCHES) OUTLINE NUMBER A B C D E F 1/1a(3) various 0.500 max 14.625-15.000 1.350-1.435 1.475-1.550 0.188 max 2/2a(3) 16.937-17.437 0.310-0.360 17.625-18.000 0.990 max 0.975-1.050 0.305-0.325 3/3a(3) 13.875-14.375 0.270-0.320 14.375-15.000 0.555 max 0.547-0.579 0.245-0.265 A D 1.27 MAX. (0.500) 0.48 MAX. DIA. (0.188) C 0.74 ± 0.08 (0.292 ± 0.032) 6.98 MAX. (2.750) 0.24 TYP. (0.097) 1.41 DIA. MAX. (0.555) E DIMENSION (INCHES) OUTLINE NUMBER A B C D E F 4 8.625 min 1.500 max 11.937-12.250 0.370-0.380 0.550 max 0.3804 5 7.375 min 1.250 max 10.875-11.250 0.235-0.265 0.500 max 0.2654 6 6.187 min 1.250 max 9.687-10.000 0.160-0.194 0.500 max 0.1944 (3) The “a” suffix indicates using the bi-pin termination depicted in the inset labelled “ALT.-A”. (4) The diameter of the tube shall not exceed this value over the length of the tube denoted in the figure by “B”. |
同様の部品番号 - TD-77 |
|
同様の説明 - TD-77 |