データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQPF6N80CT データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQPF6N80CT
部品情報  N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF6N80CT データシート(HTML) 1 Page - Fairchild Semiconductor

  FQPF6N80CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 8Page - Fairchild Semiconductor FQPF6N80CT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
December 2013
Thermal Characteristics
FQP6N80C / FQPF6N80C
N-Channel QFET® MOSFET
800 V, 5.5 A, 2.5 Ω
Description
©2003 Fairchild Semiconductor Corporation
FQP6N80C / FQPF6N80C Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
Features
• 5.5 A, 800 V, RDS(on) = 2.5 Ω (Max.) @ VGS = 10 V,
ID = 2.75 A
• Low Gate Charge (Typ. 21 nC)
• Low Crss (Typ. 8 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Symbol
Parameter
FQP6N80C
FQPF6N80C /
FQPF6N80CT
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
0.79
2.45
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ, Max.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
62.5
62.5
°C/W
TO-220
GD
S
TO-220F
G
DS
G
S
D
* Drain current limited by maximum junction temperature.
Symbol
Parameter
FQP6N80C
FQPF6N80C /
FQPF6N80CT
Unit
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
5.5
5.5 *
A
- Continuous (TC = 100°C)
3.2
3.2 *
A
IDM
Drain Current
- Pulsed
(Note 1)
22
22 *
A
VGSS
Gate-Source Voltage
±
30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
680
mJ
IAR
Avalanche Current
(Note 1)
5.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
158
51
W
- Derate above 25°C
1.27
0.41
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering,
1/8" from Case for 5 Seconds.
300
°C


同様の部品番号 - FQPF6N80CT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQPF6N80C FAIRCHILD-FQPF6N80C Datasheet
889Kb / 10P
   800V N-Channel MOSFET
FQPF6N80C FAIRCHILD-FQPF6N80C Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
More results

同様の説明 - FQPF6N80CT

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com