データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB117HNY データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FSB117HNY
部品情報  mWSaver??Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB117HNY データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FSB117HNY Datasheet HTML 4Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 5Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 6Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 7Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 8Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 9Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 10Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 11Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
8
Electrical Characteristics (Continued)
VDD=15 V, TA=25C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Feedback Input Section
AV
Internal Voltage Dividing Factor of FB Pin
(12)
1/4.5
1/4.0
1/3.5
V/V
ZFB
Pull-Up Impedance of FB Pin
15
21
27
kΩ
VFB-OPEN
FB Pin Pull-Up Voltage
FB Pin Open
5.2
5.4
5.6
V
VFB-OLP
FB Voltage Threshold to Trigger Open-Loop
Protection
4.3
4.6
4.9
V
tD-OLP
Delay of FB Pin Open-Loop Protection
46
56
66
ms
VFB-N
FB Voltage Threshold to Exit Green Mode
VFB is Rising
2.4
2.6
2.8
V
VFB-G
FB Voltage Threshold to enter Green Mode
VFB is Falling
VFB-N-0.2
V
VFB-ZDC
FB Voltage Threshold to Enter Zero-Duty
State
VFB is Falling
1.95
2.05
2.15
V
VFB-ZDCR
FB Voltage Threshold to Exit Zero-Duty State VFB is Rising
VFB-ZDC
+0.1
V
IPK Pin Section
VIPK-OPEN IPK Pin Open Voltage
3.0
3.5
4.0
V
VIPK-H
Internal Upper Clamping Voltage of IPK Pin
3
(12)
V
VIPK-L
Internal Lower Clamping Voltage of IPK Pin
1.5
(12)
V
IPK
Internal Current Source of IPK Pin
TA=-40 to 105°C,
VIPK=2.25 V
45
50
55
µA
ILMT-FL-H
Current Limit Plateau when IPK
Pin Voltage is Internally Clamped
to Upper Limit
FSB117H
VIPK=3 V,
Duty>40%
0.72
0.80
0.88
A
FSB127H
0.90
1.00
1.10
FSB147H
1.35
1.50
1.65
ILMT-VA-H
Initial Current Limit when IPK Pin
Voltage is Internally Clamped to
Upper Limit
FSB117H
VIPK=3 V,
Duty=0%
ILMT-FL-H
-0.20
A
FSB127H
ILMT-FL-H
-0.25
FSB147H
ILMT-FL-H -
0.37
ILMT-FL-L
Current Limit Plateau when IPK
Pin Voltage is Internally Clamped
to Lower Limit
FSB117H
VIPK=1.5 V,
Duty>40%
0.36
0.40
0.44
A
FSB127H
0.45
0.50
0.55
FSB147H
0.67
0.75
0.83
ILMT-VA-L
Initial Current Limit when IPK Pin
Voltage is Internally Clamped to
Lower Limit
FSB117H
VIPK=1.5 V,
Duty=0%
ILMT-FL-L
-0.10
A
FSB127H
ILMT-FL-L
-0.12
FSB147H
ILMT-FL-L -
0.18
Continued on the following page…


同様の部品番号 - FSB117HNY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
FSB117H FAIRCHILD-FSB117H_13 Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
More results

同様の説明 - FSB117HNY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H_13 Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com