データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1024A250 データシート(PDF) 3 Page - Littelfuse

部品番号 SL1024A250
部品情報  SL1021AB, SL1024AB and PMT8 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A250 データシート(HTML) 3 Page - Littelfuse

  SL1024A250 Datasheet HTML 1Page - Littelfuse SL1024A250 Datasheet HTML 2Page - Littelfuse SL1024A250 Datasheet HTML 3Page - Littelfuse SL1024A250 Datasheet HTML 4Page - Littelfuse SL1024A250 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
21
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A/B, SL1024A/B and PMT8 Series
Time vs. Current for Failsafe
0.5
1
2
3
4
5
6
7
8
9
11
12
13
14
15
10
20
30
60
12
5
10
15
30
SL102xA with Failsafe
SL102xB or PMT8 500 Volt Higher Melting Point Solder
SL102xB or PMT8 90 Volt Higher Melting Point Solder
SL102xB or PMT8 350 Volt Higher Melting Point Solder
Voltage vs. Time Characteristic
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (Min to Max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder Pot Temperature:
280
° C Maximum
Solder Dwell Time:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.
Note: Surge Arrestors with a Failsafe mechanism should be
individually examined after soldering


同様の部品番号 - SL1024A250

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

同様の説明 - SL1024A250

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com