データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-63-5 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BU-63-5
部品情報  Insulated Alligator Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BU-63-5 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-63-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
TEL.
TEL.
TEL.
TEL. 800
800
800
800-
-
-
-955
955
955
955-
-
-
-2629
2629
2629
2629
1625 E. 31
1625 E. 31
1625 E. 31
1625 E. 31st
st
st
st
Street
Street
Street
Street
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216-
-
-
-771
771
771
771-
-
-
-5225
5225
5225
5225
C
C
C
Clllle
e
e
ev
vv
ve
e
e
elllla
a
a
an
n
n
nd
d
d
d,,,, O
O
O
Oh
h
h
hiiiio
o
o
o 4
4
4
44
4
4
41
1
1
11
1
1
14
4
4
4
w
w
w
ww
w
w
ww
w
w
w....m
m
m
mu
u
u
ue
e
e
elllllllle
e
e
errrre
e
e
elllle
e
e
ec
cc
cttttrrrriiiic
cc
c....c
cc
co
o
o
om
m
m
m
F
FF
FA
A
A
AX
X
X
X.... 2
2
2
21
1
1
16
6
6
6-
-
-
-7
7
7
77
7
7
71
1
1
1-
-
-
-3
3
3
30
0
0
06
6
6
68
8
8
8
• Insulated Alligator Clip
• BU-63-* BU-60S with a skin-tight, two-piece, flexible insulator
BU-63C-* BU-60CS with a skin-tight, two-piece, flexible insulator
• Compatible with all shrouded, unshrouded, or retractable 0.16” (4 mm)
Banana plugs
• Material: nickel-plated steel (BU-63-*) or solid copper (BU-63C-*);
PVC insulator
• Length: 2.25” (57.15 mm)
• *Std.Colors: -0 Black, -2 Red, -4 Yellow, -5 Green, -6 Blue, -9 White
• Rating: 10 Amps
RoHS Compliant
Part Number:
BU-63-* /BU-63C-*
Description:
Insulated Alligator Clip
3507


同様の部品番号 - BU-63-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
   Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
   Alligator Clip
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
   Alligator Clip
BU-60CHS-0 ETC2-BU-60CHS-0 Datasheet
50Kb / 1P
   Alligator Clip with Acetate Handle and Screw
BU-60CHS-2 ETC2-BU-60CHS-2 Datasheet
50Kb / 1P
   Alligator Clip with Acetate Handle and Screw
More results

同様の説明 - BU-63-5

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-109-0 ETC2-BU-109-0 Datasheet
306Kb / 1P
   Mini Insulated Alligator Clip.
BU-3030-A-60-0 ETC2-BU-3030-A-60-0 Datasheet
64Kb / 1P
   Insulated Alligator Clip on Both Ends
BU-3131-A-60-0 ETC2-BU-3131-A-60-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-2030-A-12-0 ETC2-BU-2030-A-12-0 Datasheet
64Kb / 1P
   Insulated Alligator Clip to Stackable Banana Plug
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
   Alligator Clip
BU-3131-A-12-0 ETC2-BU-3131-A-12-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-24-0 ETC2-BU-3131-A-24-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-48-0 ETC2-BU-3131-A-48-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-60C ETC2-BU-60C Datasheet
518Kb / 1P
   Alligator Clip
BU-60U ETC2-BU-60U Datasheet
50Kb / 1P
   Alligator Clip
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com