データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-NP-1001-B1L データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 LM-NP-1001-B1L
部品情報  LM-NP/-LP 1000 Series - Line Matching Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LM-NP-1001-B1L データシート(HTML) 2 Page - Bourns Electronic Solutions

  LM-NP-1001-B1L Datasheet HTML 1Page - Bourns Electronic Solutions LM-NP-1001-B1L Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
LM-NP/-LP 1000 Series - Line Matching Transformers
REV. 05/11
Part Numbers And Specifications
Parameters
Unit
LM-NP
1001-B1L
LM-NP
1002L
LM-NP
1003L
LM-NP
1004L
LM-NP
1005L
LM-LP
1001L
LM-LP
1002L
LM-LP
1003L
LM-LP
1004L
LM-LP
1005L
Ref. Temperature Data
°C
25
25
25
25
25
25
25
25
25
25
Impedance
(min./at 1.0 kHz)
Primary
Ω
600
600
600
600
(150, 150)
600
(150+150)
600
600
600
600
(150, 150)
600
(150+150)
Secondary
Ω
600
600
(150,150)
600
(150+150)
600
(150,150)
600
(150+150)
600
600
(150,150)
600
(150+150)
600
(150,150)
600
(150+150)
Inductance
(min./at 0.2 kHz)
Primary
H
2.8
2.8
2.8
2.8
(0.7, 0.7)
2.8
(0.7+0.7)
2.8
2.8
2.8
2.8
(0.7, 0.7)
2.8
(0.7+0.7)
Secondary
H
2.8
2.8
(0.7, 0.7)
2.8
(0.7+0.7)
2.8
(0.7, 0.7)
2.8
(0.7+0.7)
2.8
2.8
(0.7, 0.7)
2.8
(0.7+0.7)
2.8
(0.7, 0.7)
2.8
(0.7+0.7)
DC-Resistance
(typical/±10 %)
Primary
Ω
66
66
66
66
(33,33)
66
(33+33)
90
90
90
90
(45,45)
90
(45+45)
Secondary
Ω
66
66
(33,33)
66
(33+33)
66
(33,33)
66
(33+33)
90
90
(45,45)
90
(45+45)
90
(45,45)
90
(45+45)
Turns Ratio (
≤ ±2 %)
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
Winding Configurations
one
winding
center
tapped
one
winding
split
both
windings
center
tapped
both
windings
split
one
winding
center
tapped
one
winding
split
both
windings
center
tapped
both
windings
split
Insertion Loss (at 2.0 kHz)
dB
≤ 1.5
≤ 2.0
Return Loss
Transformer
(0.2 - 4.0 kHz)
In Networks
dB
≥ 10.0
≥ 21.0
≥ 8.0
≥ 20.0
Shunt Loss (typical)
k
Ω
9.0
9.0
Frequency Response
(typ./0.2 - 3.5 kHz)
dB
- 0.3
- 0.5
Wide Band Response
(0.2 - 10.0 kHz)
dB
-2.5
-4.5
Power Level
dBm
- 45.0 to + 3.0
- 43.0 to + 3.0
Longitudinal Balance
(0.3 - 4.0 kHz)
dB
-80.0
- 70.0
Distortion (0 dB/at 1.0 kHz)
%
≤ 0.1
≤ 0.25
Leakage Induction (typical)
mH
14.0
14.0
Dielectric Strength (P/S)
kVDC
6.5
6.5
Temperature
Range
Operation
°C
-10 to +60
-10 to +60
Storage
°C
-20 to +70
-20 to +70
Specifications Met
BS 6204: Construction and flammability (UL 94V0)
CCITT: Rec. T/CD 1-1 (Sept. 1982)
BS 6301: Isolation
BS 6305: Return loss (1982/paragraph 4.3.2.2/b)


同様の部品番号 - LM-NP-1001-B1L

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
LM-NP-1001-B1 BOURNS-LM-NP-1001-B1 Datasheet
152Kb / 2P
   Line Matching Transformers
More results

同様の説明 - LM-NP-1001-B1L

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
LM-NP-1003L BOURNS-LM-NP-1003L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-NP-1004L BOURNS-LM-NP-1004L Datasheet
167Kb / 2P
   LM-NP/-LP 1000 Series - Line Matching Transformers
LM-LP-1001L BOURNS-LM-LP-1001L Datasheet
167Kb / 2P
   Line Matching Transformers
LM-NP1001-B1L BOURNS-LM-NP1001-B1L Datasheet
167Kb / 2P
   Line Matching Transformers
LM-NP BOURNS-LM-NP Datasheet
152Kb / 2P
   Line Matching Transformers
SMLP5002 BOURNS-SMLP5002 Datasheet
170Kb / 1P
   Surface Mount Line Matching Transformers
SM-LP-5002 BOURNS-SM-LP-5002 Datasheet
142Kb / 1P
   Surface Mount Line Matching Transformers
SMLP5001 BOURNS-SMLP5001_11 Datasheet
139Kb / 1P
   Surface Mount Line Matching Transformers
SMLP5001 BOURNS-SMLP5001 Datasheet
168Kb / 1P
   Surface Mount Line Matching Transformers
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
   Impedance Matching Transformers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com