データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-2741-D-48-0 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BU-2741-D-48-0
部品情報  Multiple Feature Test Prod to Unshrouded Right Angle Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BU-2741-D-48-0 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-2741-D-48-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Multiple Feature Test Prod to Unshrouded Right Angle Banana
• Material: Needle: Stainless steel; Banana Plug: Nickel-plated brass;
Housing: ABS;
Hook-up wire: #18(65/36) AWG tinned copper with 90°C
PVC insulation;
• ** Length: 53.5 ”(1.36m); Wire length: 48”(1.22 m)
• * Std Colors: -0 Black –2 Red
• Rating: 600V, 10 Amps
• RoHS Compliant
Part Number:
BU-2741-D-48-*
Description: Multiple Feature Test Prod to
2607
Unshrouded Right Angle Banana Plug


同様の部品番号 - BU-2741-D-48-0

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-27 ETC2-BU-27 Datasheet
132Kb / 1P
   General Purpose Clip
BU-27C ETC2-BU-27C Datasheet
132Kb / 1P
   General Purpose Clip
BU-27CG ETC2-BU-27CG Datasheet
55Kb / 1P
   Geophone Clip
BU-27CGW ETC2-BU-27CGW Datasheet
55Kb / 1P
   Geophone Clip
More results

同様の説明 - BU-2741-D-48-0

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-2641-D-48-0 ETC2-BU-2641-D-48-0 Datasheet
70Kb / 1P
   Multiple Feature Test Prod to Unshrouded Banana Plug
BU-2241-D-48-0 ETC2-BU-2241-D-48-0 Datasheet
64Kb / 1P
   Multiple Feature Test Prod to Right Angle Shrouded Banana Plug
logo
Pomona Electronics
6244 POMONA-6244 Datasheet
71Kb / 1P
   Test Clip to Right Angle Sheathed Banana Plug
logo
List of Unclassifed Man...
BU-16-0 ETC2-BU-16-0 Datasheet
50Kb / 1P
   Unshrouded Stackable Banana Plug
BU-6162-M-72-0 ETC2-BU-6162-M-72-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
   Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
logo
Pomona Electronics
6249 POMONA-6249 Datasheet
28Kb / 1P
   Test Clip To Multi-Stacking Banana Plug Test Lead
6245 POMONA-6245 Datasheet
73Kb / 1P
   Test Clip to Straight Sheathed Banana Plug
3786 POMONA-3786 Datasheet
30Kb / 1P
   Minigrabber Test Clips To Double Banana Plug
3782 POMONA-3782 Datasheet
57Kb / 1P
   Minigrabber Test Clip To Stacking Banana Plug
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com