データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-31603-6 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BU-31603-6
部品情報  Pressfit Insulated Banana Jack with Spade Connection
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BU-31603-6 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-31603-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Pressfit Insulated Banana Jack with Spade Connection
• Material: Banana Plug: nickel-plated brass; Insulator: Dupont 101L
• Length: 1.37” (34.8 mm)
• *Std. Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
• Rating: 1000Volts, 15Amps, IEC 1010 Compliant
RoHS Compliant
Part Number:
BU-31603- *
Description:
Pressfit Insulated Banana Jack with
3107
Spade Connection


同様の部品番号 - BU-31603-6

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-31602-0 ETC2-BU-31602-0 Datasheet
72Kb / 1P
   Pressfit Insulated Banana Jack with Solder Pin Connection
BU-31602-2 ETC2-BU-31602-2 Datasheet
72Kb / 1P
   Pressfit Insulated Banana Jack with Solder Pin Connection
BU-31602-4 ETC2-BU-31602-4 Datasheet
72Kb / 1P
   Pressfit Insulated Banana Jack with Solder Pin Connection
BU-31602-6 ETC2-BU-31602-6 Datasheet
72Kb / 1P
   Pressfit Insulated Banana Jack with Solder Pin Connection
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
More results

同様の説明 - BU-31603-6

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-31602-0 ETC2-BU-31602-0 Datasheet
72Kb / 1P
   Pressfit Insulated Banana Jack with Solder Pin Connection
logo
Pomona Electronics
1614A POMONA-1614A Datasheet
27Kb / 1P
   Spade Lug to Insulated Banana Jack
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
   Insulated Banana Jack
logo
Pomona Electronics
3777A POMONA-3777A Datasheet
64Kb / 1P
   Spade Lug to Banana Jack
3744A POMONA-3744A Datasheet
64Kb / 1P
   Spade Lug to Banana Jack
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
   INSULATED BANANA JACK
1.11.06
logo
Pomona Electronics
5935 POMONA-5935 Datasheet
24Kb / 1P
   2MM Insulated Banana Jack
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
   Insulated Miniature Banana Jack
4601-0 3M-4601-0 Datasheet
26Kb / 1P
   Triple Banana Jack, Insulated
logo
Pomona Electronics
2269 POMONA-2269 Datasheet
320Kb / 1P
   Insulated Double Banana Jack
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com