データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-P122505-2 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BU-P122505-2
部品情報  Retractable Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P122505-2 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P122505-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone 330.780.2525
Akron, OH 44306-4524
Fax 330.780.2524
• Fits all standard 4mm Banana Jacks
• Spring loaded retractable banana sheath provides electrical protection when cable
is not mounted and slides out of the way when pressed into a non-shrouded jack.
• Easy solder connection with wire between 18-22 AWG.
• Collet provides strain relief on wire
• Material: Contacts – Beryllium Copper
Body – Glass filled Nylon
• Rating: 20 Amps, Hands free testing up to 1000V. @ 105⁰C
• Colors -0 black, -2 red, (* in Part number indicates color)
• RoHS Compliant
Part Number: BU-P122505-*
Retractable Banana Plug
2.65"
(67)
Assembly view (wire not included)


同様の部品番号 - BU-P122505-2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-P1296 ETC2-BU-P1296 Datasheet
179Kb / 1P
   Adapter-BNC Male to Double Binding Post
BU-P1296-0 ETC2-BU-P1296-0 Datasheet
179Kb / 1P
   Adapter-BNC Male to Double Binding Post
More results

同様の説明 - BU-P122505-2

メーカー部品番号データシート部品情報
logo
Pomona Electronics
4911A POMONA-4911A Datasheet
329Kb / 2P
   Retractable Sheath Banana Plug Patch Cord
5291A POMONA-5291A Datasheet
155Kb / 1P
   Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
5295 POMONA-5295 Datasheet
26Kb / 1P
   Low Voltage Retractable Sheath Banana Plug To Spade Lug
5343 POMONA-5343 Datasheet
61Kb / 1P
   Retractable Sheath Banana To BNC Male
logo
List of Unclassifed Man...
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
   RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-2323-10-36-0 ETC2-BU-2323-10-36-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-P5170-0 ETC2-BU-P5170-0 Datasheet
195Kb / 1P
   Banana Plug
logo
Adam Technologies, Inc.
BP-003 ADAM-TECH-BP-003 Datasheet
57Kb / 1P
   BANANA PLUG
logo
List of Unclassifed Man...
BU-P5169-0 ETC2-BU-P5169-0 Datasheet
196Kb / 1P
   Banana Plug
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com