データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP205CL データシート(PDF) 2 Page - OPTEK Technologies

部品番号 OP205CL
部品情報  Infrared Light Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP205CL データシート(HTML) 2 Page - OPTEK Technologies

  OP205CL_14 Datasheet HTML 1Page - OPTEK Technologies OP205CL_14 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Infrared Light Emitting Diode
OP205CL
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/06
Page 2 of 2
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings T
A = 25
o C unless otherwise noted
Storage Temperature Range
-40° C to +125° C
Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature
260° C(1)
Reverse Voltage
3.0 V
Continuous Forward Current
50 mA
Power Dissipation
160 mW(2)
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
De-rate linearly at 2.17 mW/° C above 25° C.
3.
Total Optical Power (PO) is measured by OPTEK Technology equipment.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
PO
Radiant Intensity
8.5
12.0
-
mW
IF = 50mA
(3)
VF
Forward Voltage
-
-
2.0
V
IF = 50mA
IR
Reverse Current
-
-
10
µA
VR = 3.0V
λP
Peak Emission Wavelength
-
875
-
nm
IF = 20mA
ΘHP
Total Emission Angle at Half Power Points
-
6
10
Deg.
IF = 20mA
100°C
-40°C
Relative Radiant Intensity vs.
Forward Current vs. Temperature
0
10
20
30
40
50
Forward Current (mA)
100%
150%
200%
250%
300%
350%
Normalized at IF = 20mA,
TA = 20°C. Temperatures
stepped in 20°C Increments
50%
0%
1.1
1.2
1.3
1.4
1.5
1.6
Forward Voltage vs. Forward
Current vs. Temperature
0
10
20
30
40
50
Forward Current (mA)
-40°C
100°C
Temperatures stepped in 20°C
Increments


同様の部品番号 - OP205CL_14

メーカー部品番号データシート部品情報
logo
TT Electronics.
OP205CL TTELEC-OP205CL Datasheet
242Kb / 2P
   Infrared Light Emitting Diode
More results

同様の説明 - OP205CL_14

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
   infrared light emitting diode
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
   Infrared Light Emitting Diode
logo
TT Electronics.
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
   Infrared Light Emitting Diode
logo
Roithner LaserTechnik G...
ELD-700-524 ROITHNER-ELD-700-524 Datasheet
508Kb / 2P
   Infrared Light Emitting Diode
ELD-850-525 ROITHNER-ELD-850-525 Datasheet
254Kb / 1P
   INFRARED Light Emitting Diode
ELD-1650-525 ROITHNER-ELD-1650-525 Datasheet
254Kb / 1P
   INFRARED Light Emitting Diode
logo
OPTEK Technologies
OPR2800 OPTEK-OPR2800 Datasheet
259Kb / 2P
   Infrared Light Emitting Diode
logo
TT Electronics.
OP180 TTELEC-OP180 Datasheet
1Mb / 8P
   Infrared Light Emitting Diode
logo
OPTEK Technologies
OP200 OPTEK-OP200 Datasheet
245Kb / 3P
   Infrared Light Emitting Diode
OPR2800 OPTEK-OPR2800_14 Datasheet
216Kb / 2P
   Infrared Light Emitting Diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com