データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP235 データシート(PDF) 4 Page - OPTEK Technologies

部品番号 OP235
部品情報  Hermetic Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTEK [OPTEK Technologies]
ホームページ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP235 データシート(HTML) 4 Page - OPTEK Technologies

  OP235_14 Datasheet HTML 1Page - OPTEK Technologies OP235_14 Datasheet HTML 2Page - OPTEK Technologies OP235_14 Datasheet HTML 3Page - OPTEK Technologies OP235_14 Datasheet HTML 4Page - OPTEK Technologies OP235_14 Datasheet HTML 5Page - OPTEK Technologies OP235_14 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
01/09
Page 4 of 6
Hermetic Infrared Emitting Diode
OP230 Series
OP231, OP232, OP233 (including “W” devices)
Forward Voltage vs Forward Current vs
Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
1020
30
405060
70
8090
100
Forward Current (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120°C
Optical Power vs IF vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1020
3040
506070
8090
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20° C
Relative Radiant Intensity vs. Angular
Displacement
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-20
-15
-10
-5
0
5
10
15
20
Angular Displacement (Degrees)
Distance vs Output Power vs Forward Current
0
1
2
3
4
5
6
0.2 ''
0.4 ''
0.6 ''
0.8 ''
1.0 ''
1.2 ''
1.4 ''
1.6 ''
1.8 ''
2.0 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
90 mA
100 mA
Normalized at 1" and 50 mA
Forward Current


同様の部品番号 - OP235_14

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX Datasheet
225Kb / 2P
   Hi- Reliability GaAlAs Infrared Emitting Diodes
OP235TX OPTEK-OP235TX Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP235TX TTELEC-OP235TX Datasheet
640Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TXV OPTEK-OP235TXV Datasheet
225Kb / 2P
   Hi- Reliability GaAlAs Infrared Emitting Diodes
OP235TXV OPTEK-OP235TXV Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results

同様の説明 - OP235_14

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com