データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM103AQ8 データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 LM103AQ8
部品情報  Dual Operational Amplifier and Voltage Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM103AQ8 データシート(HTML) 3 Page - Cystech Electonics Corp.

  LM103AQ8 Datasheet HTML 1Page - Cystech Electonics Corp. LM103AQ8 Datasheet HTML 2Page - Cystech Electonics Corp. LM103AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. LM103AQ8 Datasheet HTML 4Page - Cystech Electonics Corp. LM103AQ8 Datasheet HTML 5Page - Cystech Electonics Corp. LM103AQ8 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C496Q8
Issued Date : 2008.06.04
Revised Date :2008.07.29
Page No. : 3/6
LM103AQ8
CYStek Product Specification
Electrical Characteristics
Parameter
Test Condition
Symbol Min.
Typ.
Max.
Unit
Total supply current,
excluding current in the
voltage reference
VCC+=5V, no load, Tmin≤Ta≤Tmax
VCC+=30V, no load, Tmin≤Ta≤Tmax
ICC
-
0.7
1.2
2
mA
●Operator 1(Independent op-amp) VCC+=+5V, VCC=ground, VO=1.4V, Ta=25℃(unless otherwise specified)
Parameter
Test Condition
Symbol Min.
Typ.
Max.
Unit
Input offset voltage
Ta=25℃
Tmin≤Ta≤Tmax
VIO
-
0.5
3
5
mV
Input offset voltage deviation
over temperature range
DVIO
-
-
7
μV/℃
Input offset current
Ta=25℃
Tmin≤Ta≤Tmax
IIO
-
2
30
50
nA
Input bias current
Ta=25℃
Tmin≤Ta≤Tmax
IIB
-
20
150
200
nA
Large signal voltage gain
VCC=15V,RL=2K,VO=1.4V~11.4V,
Tmin≤Ta≤Tmax
Avd
50
100
-
V/mV
Supply voltage rejection ratio
VCC=5~30V
SVR
65
100
-
dB
Input common mode voltage
range
VCC=+30V (Note )
Tmin≤Ta≤Tmax
Vicm
0
-
(VCC+)-1.5
(VCC+)-2
V
Common mode rejection ratio
Tmin≤Ta≤Tmax
CMR
70
85
-
dB
Output current source
VCC=+15V, VO=2V, Vid=+1V
Isource
20
40
-
mA
Short circuit ground
VCC=+15V
IO
-
40
60
mA
Output current sink
VCC=+15V, VO=2V, Vid=-1V
Isink
10
20
-
mA
High level output voltage
VCC+=30V, RL=10K
Ta=25℃
Tmin≤Ta≤Tmax
VOH
27
27
28
-
V
Low level output voltage
RL=10K, Ta=25℃
Tmin≤Ta≤Tmax
VOL
-
5
20
20
mV
Slew rate at unity gain
Vi=0.5~3V, VCC=15V, RL=2K,
CL=100pF, unity gain
SR
0.2
0.4
-
V/μs
Gain bandwidth product
VCC=30V, RL=2K, CL=100pF,
f=100kHz, VIN=10mV
GBP
0.5
0.9
-
MHz
Total harmonic distortion
f=1kHz, AV=20dB, RL=2K,
VCC=30V, CL=100pF, VO=2Vpp
THD
-
0.02
-
%
Note
: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper
end of the common-mode voltage range is (VCC+)-1.5V. But either of both inputs can go to +36V without damage.


同様の部品番号 - LM103AQ8

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 NSC-LM1036 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
logo
Texas Instruments
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
[Old version datasheet]   LM1036 Dual DC Operated Tone/Volume/Balance Circuit
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
More results

同様の説明 - LM103AQ8

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
   Dual Operational Amplifier and Voltage Reference
TSM103 STMICROELECTRONICS-TSM103_03 Datasheet
95Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com