データシートサーチシステム |
|
LM1114-1.8BA3-0-TB-G データシート(PDF) 1 Page - Cystech Electonics Corp. |
|
LM1114-1.8BA3-0-TB-G データシート(HTML) 1 Page - Cystech Electonics Corp. |
1 / 15 page CYStech Electronics Corp. Spec. No. : C505M3-B Issued Date : 2003.03.21 Revised Date : 2014.01.03 Page No. : 1/15 LM1114BM3/N3/A3 CYStek Product Specification Low Dropout CMOS Voltage Regulators LM1114B Features Applications ● Maximum output current 250mA ● Battery powered equipment ● Highly accurate : output voltage+/-2% ● Palmtops ● Low power consumption : typ. 2μA ● Portable cameras and video recorders ● Small input/output differential: ● Reference voltage sources 0.45V typ at 160mA( 2.5V, 3.0V, 3.3V, 3.6V) 0.35V typ at 200mA(Vout=5V) ● Pb-free lead plating and halogen-free package Product Description The LM1114B series is a group of positive voltage output, three-pin regulators, that provide a high current even when the input/output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies. The LM1114B consists of a high-precision voltage reference, an error correction circuit, and a current limited output driver. Transient response to load variations is improved in comparison to the existing ones. Absolute Maximum Ratings Parameter Symbol Ratings Units Input Voltage Vin 12 V Output Current Iout 500 mA Output Voltage Vout Vss-0.3〜Vin+0.3 V 500 150 Continuous Total Power Dissipation TO-92 SOT-23 SOT-89 PD 500 mW Operating Ambient Temperature Topr -40〜+85 ℃ Storage Temperature Tstg -40〜+125 ℃ Pin Configuration TO-92 SOT-23 SOT-89 Vin 1 2 3 Vout Vss 1 2 3 1 2 3 Vss Vin Vout Vss Vin Vout |
同様の部品番号 - LM1114-1.8BA3-0-TB-G |
|
同様の説明 - LM1114-1.8BA3-0-TB-G |