データシートサーチシステム |
|
LM1114-1.8M3-0-T2-G データシート(PDF) 9 Page - Cystech Electonics Corp. |
|
LM1114-1.8M3-0-T2-G データシート(HTML) 9 Page - Cystech Electonics Corp. |
9 / 12 page CYStech Electronics Corp. Spec. No. : C505M3 Issued Date : 2003.03.21 Revised Date : 2014.01.03 Page No. : 9/12 LM1114M3/A3 CYStek Product Specification TO-92 Taping Outline Millimeters DIM Item Min. Max. A Component body height 4.33 4.83 D Tape Feed Diameter 3.80 4.20 D1 Lead Diameter 0.36 0.53 D2 Component Body Diameter 4.33 4.83 F1,F2 Component Lead Pitch 2.40 2.90 F1,F2 F1-F2 - ±0.3 H Height Of Seating Plane 15.50 16.50 H1 Feed Hole Location 8.50 9.50 H2 Front To Rear Deflection - 1 H2A Deflection Left Or Right - 1 H3 Component Height - 27 H4 Feed Hole To Bottom Of Component - 21 L Lead Length After Component Removal - 11 L1 Lead Wire Enclosure 2.50 - P Feed Hole Pitch 12.50 12.90 P1 Center Of Seating Plane Location 5.95 6.75 P2 4 Feed Hole Pitch 50.30 51.30 T Over All Tape Thickness - 0.55 T1 Total Taped Package Thickness - 1.42 T2 Carrier Tape Thickness 0.36 0.68 W Tape Width 17.50 19.00 W1 Adhesive Tape Width 5.00 7.00 - 20 pcs Pitch 253 255 H2A H2A H2 H2 D2 A H W W1 H3 H4 H1 L1 L P2 P P1 F1F2 D1 D T2 T T1 |
同様の部品番号 - LM1114-1.8M3-0-T2-G |
|
同様の説明 - LM1114-1.8M3-0-T2-G |