データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1114-5.0BA3-0-TB-G データシート(PDF) 5 Page - Cystech Electonics Corp.

部品番号 LM1114-5.0BA3-0-TB-G
部品情報  Low Dropout CMOS Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-5.0BA3-0-TB-G データシート(HTML) 5 Page - Cystech Electonics Corp.

  LM1114-5.0BA3-0-TB-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-5.0BA3-0-TB-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C505A3-B
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 5/15
LM1114BM3/N3/A3
CYStek Product Specification
Load Regulation
Vin=6V,1mA<Io<80mA
-
15
40
mV
1
Supply Current
Vin=4.6V
-
2.0
4.5
μA
2
Io=80mA
-
0.22
0.36
V
1
Dropout Voltage
Io=160mA
-
0.45
0.7
V
1
LM1114-5.0
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=6.0V
4.900
5.000
5.100
V
1
Line Regulation △Vout/△VinVout
Io=40mA,6.0V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=6V,1mA<Io<100mA
-
30
70
mV
1
Supply Current
Vin=6.0V
-
2.0
4.5
μA
2
Io=100mA
-
0.21
0.3
V
1
Dropout Voltage
Io=200mA
-
0.35
0.6
V
1
Test Circuits
Circuit 1
Circuit 2


同様の部品番号 - LM1114-5.0BA3-0-TB-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM1114-5.0BA3-0-TB-G CYSTEKEC-LM1114-5.0BA3-0-TB-G Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114-5.0BA3-0-TB-G CYSTEKEC-LM1114-5.0BA3-0-TB-G Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
More results

同様の説明 - LM1114-5.0BA3-0-TB-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com