データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1117-2.5M3-0-T2-G データシート(PDF) 7 Page - Cystech Electonics Corp.

部品番号 LM1117-2.5M3-0-T2-G
部品情報  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1117-2.5M3-0-T2-G データシート(HTML) 7 Page - Cystech Electonics Corp.

  LM1117-2.5M3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1117-2.5M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C506M3
Issued Date : 2007.07.10
Revised Date :2013.09.25
Page No. : 7/8
LM1117M3 series
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


同様の部品番号 - LM1117-2.5M3-0-T2-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
LM1117-2.5M3 CYSTEKEC-LM1117-2.5M3 Datasheet
372Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results

同様の説明 - LM1117-2.5M3-0-T2-G

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com