データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS300M12BM2 データシート(PDF) 1 Page - Cree, Inc

部品番号 CAS300M12BM2
部品情報  1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CAS300M12BM2 データシート(HTML) 1 Page - Cree, Inc

  CAS300M12BM2 Datasheet HTML 1Page - Cree, Inc CAS300M12BM2 Datasheet HTML 2Page - Cree, Inc CAS300M12BM2 Datasheet HTML 3Page - Cree, Inc CAS300M12BM2 Datasheet HTML 4Page - Cree, Inc CAS300M12BM2 Datasheet HTML 5Page - Cree, Inc CAS300M12BM2 Datasheet HTML 6Page - Cree, Inc CAS300M12BM2 Datasheet HTML 7Page - Cree, Inc CAS300M12BM2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAS300M12BM2
1.2kV, 5.0 m
Ω All-Silicon Carbide
Half-Bridge Module
Z-FET™ MOSFET and Z-Rec™ Diode
Module Features
Package
62 mm x 106 mm x 30 mm
Ultra Low Loss
High-Frequency Operation
Zero Reverse Recovery Current from Diode
Zero Turn-off Tail Current from MOSFET
Normally-off, fail-safe device operation
Ease of paralleling
Copper baseplate and aluminum nitride insulator
System Benefits
Enables compact and lightweight systems
High efficiency operation
Mitigates over-voltage protection
Reduces thermal requirements
Enables simplified topologies
Applications
Induction Heating
Motor Drives
Solar and Wind Inverters
UPS and SMPS
Traction
Maximum Ratings (TC = 25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
VDSmax
Drain
– Source Voltage
1.2
kV
VGSmax
Gate
– Source Voltage
-10/+25
V
Absolute maximum values
VGSop
Gate
– Source Voltage
-5/+20
V
Recommended operational values
ID
Continuous Drain Current
404
A
VGS = 20 V, TC = 25 °C
Fig 20
285
A
VGS = 20 V, TC = 90 °C
IDpulse
Pulsed Drain Current
1500
A
Pulse width tP = 200 µs repetition rate
limited by TJ(max), TC = 25°C
TJmax
Junction Temperature
150
°C
TC
Tstg
Case and Storage Temperature
Range
-40 to
+125
°C
Ptot
Maximum Power Dissipation
1660
W
TC = 25 °C, TJ = 150 °C
Visol
Case Isolation Voltage
4.0
kV
AC, 50 Hz, 1 min
Lstray
Stray Inductance
14
nH
Measured between terminals 2 and 3
M
Mounting Torque
5
Nm
To heatsink and terminals
G
Weight
300
g
Clearance Distance
12
mm
Terminal to terminal
Creepage Distance
30
mm
Terminal to terminal
40
mm
Terminal to baseplate
VDS
= 1.2 kV
Esw,Total@300A
= 12.0 mJ
RDS(on)
= 5.0 m
Ω
Part Number
Package
Marking
CAS300M12BM2
Half Bridge Module
CAS300M12BM2


同様の部品番号 - CAS300M12BM2

メーカー部品番号データシート部品情報
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
   1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
More results

同様の説明 - CAS300M12BM2

メーカー部品番号データシート部品情報
logo
Cree, Inc
WAS300M12BM2 CREE-WAS300M12BM2 Datasheet
1Mb / 9P
   1.2kV, 4.2 mohm All-Silicon Carbide THB-80 Half-Bridge Module
CAB016M12FM3 CREE-CAB016M12FM3 Datasheet
2Mb / 11P
   1200 V, 16 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
   1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
   1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
   1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
Cree, Inc
CCB032M12FM3 CREE-CCB032M12FM3 Datasheet
1Mb / 11P
   1200 V, 32 m廓 All-Silicon Carbide Six-Pack Module
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com