データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS300M12BM2 データシート(PDF) 4 Page - Cree, Inc

部品番号 CAS300M12BM2
部品情報  1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CAS300M12BM2 データシート(HTML) 4 Page - Cree, Inc

  CAS300M12BM2 Datasheet HTML 1Page - Cree, Inc CAS300M12BM2 Datasheet HTML 2Page - Cree, Inc CAS300M12BM2 Datasheet HTML 3Page - Cree, Inc CAS300M12BM2 Datasheet HTML 4Page - Cree, Inc CAS300M12BM2 Datasheet HTML 5Page - Cree, Inc CAS300M12BM2 Datasheet HTML 6Page - Cree, Inc CAS300M12BM2 Datasheet HTML 7Page - Cree, Inc CAS300M12BM2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance
Fig 7. Typical Transfer Characteristic For Various
Temperatures
Fig 8. Typical Diode Behavior TJ = -40 °C
Fig 9. Typical Diode Behavior TJ = 25 °C
Fig 10. Typical Diode Behavior TJ = 150 °C
Fig 11. Typical Threshold Voltage vs. Temperature
Fig 12. Typical Gate Charge
0
100
200
300
400
500
0
2
4
6
8
10
12
14
Gate-Source Voltage, VGS (V)
Conditions:
VDS = 20 V
tp < 200 µs
TJ = 150 °C
TJ = -40 °C
TJ = 25 °C
-600
-500
-400
-300
-200
-100
0
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Drain-Source Voltage VDS (V)
Conditions:
TJ = -40 °C
tp = 200 µs
VGS = -2 V
VGS = -5 V
VGS = 0 V
-600
-500
-400
-300
-200
-100
0
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Drain-Source Voltage VDS (V)
Conditions:
TJ = 25°C
tp = 200 µs
VGS = -2 V
VGS = -5 V
VGS = 0 V
-600
-500
-400
-300
-200
-100
0
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
Drain-Source Voltage VDS (V)
Conditions:
TJ = 150°C
tp = 200 µs
VGS = -2 V
VGS = -5 V
VGS = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
Junction Temperature TJ (°C)
Conditions
VDS = 10 V
IDS = 0.5 mA
Conditions
VDS = 10 V
IDS = 15 mA
-5
0
5
10
15
20
25
0
200
400
600
800
1000
1200
Gate Charge (nC)
Conditions:
TJ = 25 °C
IDS = 300 A
VDS = 1000 V


同様の部品番号 - CAS300M12BM2

メーカー部品番号データシート部品情報
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
   1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
More results

同様の説明 - CAS300M12BM2

メーカー部品番号データシート部品情報
logo
Cree, Inc
WAS300M12BM2 CREE-WAS300M12BM2 Datasheet
1Mb / 9P
   1.2kV, 4.2 mohm All-Silicon Carbide THB-80 Half-Bridge Module
CAB016M12FM3 CREE-CAB016M12FM3 Datasheet
2Mb / 11P
   1200 V, 16 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
   1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
   1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
   1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
Cree, Inc
CCB032M12FM3 CREE-CCB032M12FM3 Datasheet
1Mb / 11P
   1200 V, 32 m廓 All-Silicon Carbide Six-Pack Module
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com