データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAS300M12BM2 データシート(PDF) 6 Page - Cree, Inc

部品番号 CAS300M12BM2
部品情報  1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CAS300M12BM2 データシート(HTML) 6 Page - Cree, Inc

  CAS300M12BM2 Datasheet HTML 1Page - Cree, Inc CAS300M12BM2 Datasheet HTML 2Page - Cree, Inc CAS300M12BM2 Datasheet HTML 3Page - Cree, Inc CAS300M12BM2 Datasheet HTML 4Page - Cree, Inc CAS300M12BM2 Datasheet HTML 5Page - Cree, Inc CAS300M12BM2 Datasheet HTML 6Page - Cree, Inc CAS300M12BM2 Datasheet HTML 7Page - Cree, Inc CAS300M12BM2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Typical Performance
Fig 19. Max. Continuous Power Derating Curve vs.
Case Temperature.
Fig 20. Max. Continuous Current Derating Curve
vs. Case Temperature
Fig 21. Typical Transient Thermal Impedance -
MOSFET
Fig 22. Typical Transient Thermal Impedance -
DIODE
Fig 23. MOSFET Safe Operating Area
Fig 24. Typical Inductive Switching Time vs Gate
Resistance (VDD = 600V, ID = 300A)
0
200
400
600
800
1000
1200
1400
1600
1800
-25
0
25
50
75
100
125
Case Temperature, TC (°C)
Conditions:
TJ ≤ 150 °C
0
50
100
150
200
250
300
350
400
450
-25
0
25
50
75
100
125
Case Temperature, TC (°C)
Conditions:
TJ ≤ 150 °C
10E-6
100E-6
1E-3
10E-3
100E-3
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
Time, tp (s)
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
10E-6
100E-6
1E-3
10E-3
100E-3
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
Time, tp (s)
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
0.01
0.10
1.00
10.00
100.00
1000.00
0.100
1.000
10.000
100.000
1000.000
Drain-Source Voltage, VDS (V)
100 µs
1 ms
1 µs
Conditions:
TC = 25 °C
D = 0,
Parameter: tp
Limited by RDS On
100 ms
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
35
40
External Gate Resistor, RG(ext) (Ohms)
Conditions:
TJ = 25 °C
VDD = 600 V
IDS = 300 A
VGS = -5/+20 V
td (off)
td (on)
tf
tr


同様の部品番号 - CAS300M12BM2

メーカー部品番号データシート部品情報
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
   1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
   Half-Bridge Module
More results

同様の説明 - CAS300M12BM2

メーカー部品番号データシート部品情報
logo
Cree, Inc
WAS300M12BM2 CREE-WAS300M12BM2 Datasheet
1Mb / 9P
   1.2kV, 4.2 mohm All-Silicon Carbide THB-80 Half-Bridge Module
CAB016M12FM3 CREE-CAB016M12FM3 Datasheet
2Mb / 11P
   1200 V, 16 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
   1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
logo
Cree, Inc
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
   1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
   1200V, 100A Silicon Carbide Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
   1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
   1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
Cree, Inc
CCB032M12FM3 CREE-CCB032M12FM3 Datasheet
1Mb / 11P
   1200 V, 32 m廓 All-Silicon Carbide Six-Pack Module
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com