データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2590-0000-000R0HAD50F データシート(PDF) 9 Page - Cree, Inc

部品番号 CXA2590-0000-000R0HAD50F
部品情報  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590-0000-000R0HAD50F データシート(HTML) 9 Page - Cree, Inc

Back Button CXA2590-0000-000R0HAD50F Datasheet HTML 5Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 6Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 7Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 8Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 9Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 10Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 11Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 12Page - Cree, Inc CXA2590-0000-000R0HAD50F Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
9
XLamp CXa2590 LED
Performance grouPs - chromaticity (t
J = 85 °c)
XLampCXA2590LEDsaretestedforchromaticityandplacedintooneoftheregionsdefinedbythefollowingbounding
coordinates.
easyWhite color temperatures – 2-step
code
cct
x
y
50H
5000 K
0.3429
0.3507
0.3434
0.3571
0.3475
0.3604
0.3469
0.3539
40H
4000 K
0.3784
0.3741
0.3804
0.3818
0.3867
0.3857
0.3844
0.3778
35H
3500 K
0.4030
0.3857
0.4061
0.3941
0.4132
0.3976
0.4099
0.3890
30H
3000 K
0.4291
0.3973
0.4333
0.4062
0.4395
0.4084
0.4351
0.3994
27H
2700 K
0.4528
0.4046
0.4578
0.4138
0.4638
0.4152
0.4586
0.4060
easyWhite color temperatures – 4-step
code
cct
x
y
65F
6500 K
0.3253
0.3325
0.3249
0.3439
0.3331
0.3514
0.3330
0.3393
57F
5700 K
0.3097
0.3196
0.3079
0.3297
0.3164
0.3382
0.3176
0.3275
50F
5000 K
0.3407
0.3459
0.3415
0.3586
0.3499
0.3654
0.3484
0.3521
40F
4000 K
0.3744
0.3685
0.3782
0.3837
0.3912
0.3917
0.3863
0.3758
35F
3500 K
0.3981
0.3800
0.4040
0.3966
0.4186
0.4037
0.4116
0.3865
30F
3000 K
0.4242
0.3919
0.4322
0.4096
0.4449
0.4141
0.4359
0.3960
27F
2700 K
0.4475
0.3994
0.4573
0.4178
0.4695
0.4207
0.4589
0.4021


同様の部品番号 - CXA2590-0000-000R0HAD50F

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
More results

同様の説明 - CXA2590-0000-000R0HAD50F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com